Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5002 Datasheet(PDF) 31 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 31 Page - Richtek Technology Corporation

Back Button RT5002 Datasheet HTML 27Page - Richtek Technology Corporation RT5002 Datasheet HTML 28Page - Richtek Technology Corporation RT5002 Datasheet HTML 29Page - Richtek Technology Corporation RT5002 Datasheet HTML 30Page - Richtek Technology Corporation RT5002 Datasheet HTML 31Page - Richtek Technology Corporation RT5002 Datasheet HTML 32Page - Richtek Technology Corporation RT5002 Datasheet HTML 33Page - Richtek Technology Corporation RT5002 Datasheet HTML 34Page - Richtek Technology Corporation RT5002 Datasheet HTML 35Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
RT5002
31
DS5002-00
November 2011
www.richtek.com
The Control Temperature Used in JEITA Operation :
The above calculation gives R1 and R2. JEITA control
thresholds for full charging current and 4.2V regulation
voltage are at TS/VP ratio = 40% and 54% (for TSSEL =
H), 35% and 64% (for TSSEL = L). With the ratio, the
corresponding NTC thermistor resistances from the
resistors in the voltage divider circuit can be obtained.
According to the NTC resistances, the corresponding
temperatures can be found. The two temperatures are the
control temperatures used in JEITA operation.
Power Switch
For the charger, there are three power scenarios :
(1) When a battery and an external power supply (USB or
adapter) are connected simultaneously :
If the system load requirements exceed that of the input
current limit, the battery will be used to supplement the
current to the load. Howev er, if the system load
requirements are less than that of the input current limit,
the excess power from the external power supply will be
used to charge the battery.
(2) When only the battery is connected to the system :
The battery provides the power to the system.
(3) When only an external power supply is connected to
the system :
The external power supply provides the power to the
system.
Input DPM Mode
For the charger, the input voltage is monitored when
USB100 or USB500 is selected. If the input voltage is
lower than VDPM, the input current limit will be reduced
to stop the input voltage from dropping any further. This
can prevent the IC from damaging improperly configured
or inadequately designed USB sources.
APPM Mode
Once the sum of the charging and system load currents
becomes higher than the maximum input current limit,
the SYS pin voltage will be reduced. When the SYS pin
v oltage is reduced to VAPPM, the RT5002 will
automatically operate in APPM mode. In this mode, the
charging current is reduced while the SYS current is
increased to maintain system output. In APPM mode,
the battery termination function is disabled.
Battery Supplement Mode Short Circuit Protect
In APPM mode, the SYS voltage will continue to drop if
the charge current is zero and the system load increases
beyond the input current limit. When the SYS voltage
decreases below the battery voltage, the battery will kick
in to supplement the system load until the SYS voltage
rises above the battery voltage.
While in supplement mode, there is no battery supplement
current regulation. However, a built-in short circuit
protection feature is available to prevent any abnormal
current situations. While the battery is supplementing the
load, if the difference between the battery and SYS voltage
becomes more than the short circuit threshold voltage,
SYS will be disabled. After a short circuit recovery time,
tSHORT_R, the counter will be restarted. In supplement
mode, the battery termination function is disabled. Note
that for the battery supply mode exit condition, VBAT-
VSYS < 0V.
Thermal Regulation and Thermal Shutdown
The charger provides a thermal regulation loop function to
monitor the device temperature. If the die temperature rises
above the regulation temperature, TREG, the charge
current will automatically be reduced to lower the die
temperature. However, in certain circumstances (such as
high VIN, heavy system load, etc.) even with the thermal
loop in place, the die temperature may still continue to
increase. In this case, if the temperature rises above the
thermal shutdown threshold, TSD, the internal switch
between VIN and SYS will be turned off. The switch
between the battery and SYS will remain on, however, to
allow continuous battery power to the load. Once the die
temperature decreases by
∆TSD, the internal switch
between VIN and SYS will be turned on again and the
device returns to normal thermal regulation.
The internal thermal feedback circuitry regulates the die
temperature to optimize the charge rate for all ambient
temperatures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com