Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT5002 Datasheet(PDF) 30 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 30 Page - Richtek Technology Corporation

Back Button RT5002 Datasheet HTML 26Page - Richtek Technology Corporation RT5002 Datasheet HTML 27Page - Richtek Technology Corporation RT5002 Datasheet HTML 28Page - Richtek Technology Corporation RT5002 Datasheet HTML 29Page - Richtek Technology Corporation RT5002 Datasheet HTML 30Page - Richtek Technology Corporation RT5002 Datasheet HTML 31Page - Richtek Technology Corporation RT5002 Datasheet HTML 32Page - Richtek Technology Corporation RT5002 Datasheet HTML 33Page - Richtek Technology Corporation RT5002 Datasheet HTML 34Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
RT5002
30
DS5002-00
November 2011
www.richtek.com
Case 2 : TSSEL = H (For 10k
Ω NTC) :
Figure 2
0.6 x VP
+
-
+
-
VP
Too Cold
Too Hot
TS
R1
R2
RNTC
VP
0.38 x VP
COLD
COLD
HOT
HOT
COLD
HOT
HOT
COLD
COLD
COLD
COLD
R2 + R
= 0.6
R
+R1+R2
R2 + R
= 0.38
R
+R1+R2
Form (1), (2)
RR
R1 =
0.9
R2 = 0.6 R1R
If R2 < 0
R
= 0.6
R
+R1
Form (3)
R
R1 =
R
0.6
−
×−
−
Too Cold Temperature
RCOLD = RNTC
Too Hot Temperature
RHOT = RNTC
(1)
(2)
(3)
Battery Pack Temperature Monitoring
The battery pack temperature monitoring function can be
realized by connecting the TS pin to an external Negative
Temperature Coefficient (NTC) thermistor to prevent over
temperature condition. Charging is suspended when the
voltage at the TS pin is out of normal operating range. The
internal timer is then paused, but the value is maintained.
When the TS pin voltage returns back to normal operating
range, charging will resume and the safe charge timer will
continue to count down from the point where it was
suspended.
The 3.3V at VP pin is buffered by the RT5002 once it is in
charging state or its PMU part is enabled.
For 100k
Ω NTC thermistor, the input pin, TSSEL, should
be connected to GND. For 10k
Ω NTC thermistor, the input
pin, TSSEL, should be connected to VIN. TSSEL
determines the TS threshold levels for 0
°C and 60°C. It
also defines the TS threshold levels used in JEITA
operation. The choosing method of R1 and R2 to meet
battery temperature monitoring is shown below :
Case 1 : TSSEL = L (For 100k
Ω NTC) :
0.74 x VP
+
-
+
-
VP
Too Cold
Too Hot
TS
R1
R2
RNTC
VP
0.28 x VP
Figure 1
Too Cold Temperature
RCOLD = RNTC
Too Hot Temperature
RHOT = RNTC
COLD
COLD
HOT
HOT
COLD
HOT
HOT
COLD
COLD
COLD
COLD
R2 + R
= 0.74
R
+R1+R2
R2 + R
= 0.28
R
+R1+R2
Form (1), (2)
RR
R1 =
2.457
R2 = 0.389 R1R
If R2 < 0
R
= 0.74
R
+R1
Form (3)
R
R1 =
R
0.74
−
×−
−
(1)
(2)
(3)
JEITA Battery Temperature Standard
CV regulation voltage will change at the following battery
temperature ranges : 0
°C to 10°C and 45°C to 60°C.
CC regulation current will change at the following battery
temperature ranges : 0
°C to 10°C and 45°C to 60°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com