Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W49V002FAQ Datasheet(PDF) 5 Page - Winbond

Part # W49V002FAQ
Description  256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49V002FAQ Datasheet(HTML) 5 Page - Winbond

  W49V002FAQ Datasheet HTML 1Page - Winbond W49V002FAQ Datasheet HTML 2Page - Winbond W49V002FAQ Datasheet HTML 3Page - Winbond W49V002FAQ Datasheet HTML 4Page - Winbond W49V002FAQ Datasheet HTML 5Page - Winbond W49V002FAQ Datasheet HTML 6Page - Winbond W49V002FAQ Datasheet HTML 7Page - Winbond W49V002FAQ Datasheet HTML 8Page - Winbond W49V002FAQ Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
W49V002FA
Publication Release Date: February 19, 2002
- 5 -
Revision A2
Toggle Bit (DQ6)- Write Status Detection
In addition to data polling, the W49V002FA provides another method for determining the end of a
program cycle. During the internal program or erase cycle, any consecutive attempts to read DQ6 will
produce alternating 0's and 1's. When the program or erase cycle is completed, this toggling between
0's and 1's will stop. The device is then ready for the next operation.
General Purpose Inputs Register
This register reads the FGPI[4:0] pins on the W49V002FA.This is a pass-through register which can
read via memory address FFBC0100(hex). Since it is pass-through register, there is no default value.
BIT
FUNCTION
7
− 5
Reserved
4
Read FGPI4 pin status
3
Read FGPI3 pin status
2
Read FGPI2 pin status
1
Read FGPI1 pin status
0
Read FGPI0 pin status
Product Identification
The product ID operation outputs the manufacturer code and device code. Programming equipment
automatically matches the device with its proper erase and programming algorithms.
The manufacturer and device codes can be accessed by software operation. In the software access
mode, a six-byte (or JEDEC 3-byte) command sequence can be used to access the product ID for
programmer interface mode. A read from address 0000(hex) outputs the manufacturer code, DA(hex).
A read from address 0001(hex) outputs the device code, 32(hex).” The product ID operation can be
terminated by a three-byte command sequence or an alternate one-byte command sequence (see
Command Definition table).
As for FWH interface mode, a read from FFBC, 0000(hex) can output the manufacturer code,
DA(hex). A read from FFBC, 0001(hex) can output the device code 32(hex).
TABLE OF OPERATING MODES
Operating Mode Selection - Programmer Mode
(VHH = 12V
± 5%)
MODE
PINS
#OE
#WE
#RESET
ADDRESS
DQ.
Read
VIL
VIH
VIH
AIN
Dout
Write
VIH
VIL
VIH
AIN
Din
Standby
X
X
VIL
X
High Z
Write Inhibit
VIL
X
VIH
X
High Z/DOUT
X
VIH
VIH
X
High Z/DOUT
Output Disable
VIH
X
VIH
X
High Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com