Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W49V002FAQ Datasheet(PDF) 11 Page - Winbond

Part # W49V002FAQ
Description  256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49V002FAQ Datasheet(HTML) 11 Page - Winbond

Back Button W49V002FAQ Datasheet HTML 7Page - Winbond W49V002FAQ Datasheet HTML 8Page - Winbond W49V002FAQ Datasheet HTML 9Page - Winbond W49V002FAQ Datasheet HTML 10Page - Winbond W49V002FAQ Datasheet HTML 11Page - Winbond W49V002FAQ Datasheet HTML 12Page - Winbond W49V002FAQ Datasheet HTML 13Page - Winbond W49V002FAQ Datasheet HTML 14Page - Winbond W49V002FAQ Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
W49V002FA
Publication Release Date: February 19, 2002
- 11 -
Revision A2
Software Product Identification and Boot Block Lockout Detection Acquisition
Flow
Product
Identification
Entry (1)
Load data 55
to
address 2AAA
Load data 90
to
address 5555
Pause 10 S
Product
Identification
and Boot Block
Lockout Detection
Mode (3)
Read address = 00000
data = DA
Read address = 00001
data = 32 (Hex)
Read address = 00002
DQ0 of data outputs = 1/0
(4)
Product
Identification Exit(6)
Load data 55
to
address 2AAA
Load data F0
to
address 5555
Normal Mode
(5)
(2)
(2)
Load data AA
to
address 5555
µ
Load data AA
to
address 5555
Pause 10 S
µ
Notes for software product identification/boot block lockout detection:
(1) Data Format: DQ7
− DQ0 (Hex); Address Format: A14 − A0 (Hex)
(2) A1
− A17 = VIL; manufacture code is read for A0 = VIL; device code is read for A0 = VIH.
(3) The device does not remain in identification and boot block lockout detection mode if power down.
(4) If the DQ0 of output data is "1," the boot block programming lockout feature is activated; if the DQ0 of output data "0," the
lockout feature is inactivated and the block can be programmed.
(5) The device returns to standard operation mode.
(6) Optional 1-write cycle (write F0 hex at XXXX address) can be used to exit the product identification/boot block lockout
detection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com