Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W49V002FAQ Datasheet(PDF) 25 Page - Winbond

Part # W49V002FAQ
Description  256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49V002FAQ Datasheet(HTML) 25 Page - Winbond

Back Button W49V002FAQ Datasheet HTML 21Page - Winbond W49V002FAQ Datasheet HTML 22Page - Winbond W49V002FAQ Datasheet HTML 23Page - Winbond W49V002FAQ Datasheet HTML 24Page - Winbond W49V002FAQ Datasheet HTML 25Page - Winbond W49V002FAQ Datasheet HTML 26Page - Winbond W49V002FAQ Datasheet HTML 27Page - Winbond W49V002FAQ Datasheet HTML 28Page - Winbond W49V002FAQ Datasheet HTML 29Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
W49V002FA
Publication Release Date: February 19, 2002
- 25 -
Revision A2
Timing Waveforms for FWH Interface Mode, continued
Toggle Bit Timing Diagram
Read the DQ6 to see if the internal write complete or not.
FWH4
Start
Load Address in 7 Clocks
CLK
1 Clock
2 Clocks
Address
Sync
TAR
1111b
Tri-State
0000b
Data out 2 Clocks
X,D6,XXb
Data
XXXXb
FWH4
FWH[3:0]
Start
Load Address in 7 Clocks
CLK
1 Clock
2 Clocks
Address
Sync
TAR
1111b
Tri-State
0000b
Data out 2 Clocks
Data
When internal write complete, the DQ6 will stop toggle.
X,D6,XXb
XXXXb
FWH4
FWH[3:0]
Start
Load Address "An" in 7 Clocks
CLK
1 Clock
2 Clocks
A[15:12]
Load Data "Dn"
in 2 Clocks
D[7:4]
Write the last command(program or erase) to the device in FWH mode.
Address
Sync
TAR
Data
1111b
Tri-State
0000b
A[11:8]
A[7:4]
A[3:0]
D[3:0]
IDSEL
XXXXb
XXXXb
XXXXb
XXXXb
XXXXb
XXXXb
XXXXb
XXXXb
IDSEL
IDSEL
0000b
0000b
0000b
M Size
M Size
M Size
XXXXb
XXXXb
XXXXb
XXXXb
XXXXb
XXA[17:16]b
XXXXb
XXXXb
XXXXb
1 Clock
1 Clock
0000b
1110b
1 Clock
1 Clock
0000b
1101b
1 Clock
1 Clock
0000b
1101b
1 Clock
2 Clocks
TAR
1111b
Tri-State
Next Start
1 Clock
2 Clocks
TAR
1111b
Tri-State
Next Start
1 Clock
2 Clocks
TAR
1111b
Tri-State
Next Start
FWH[3:0]
#RESET
#RESET
#RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com