Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W49V002FAQ Datasheet(PDF) 29 Page - Winbond

Part # W49V002FAQ
Description  256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49V002FAQ Datasheet(HTML) 29 Page - Winbond

Back Button W49V002FAQ Datasheet HTML 24Page - Winbond W49V002FAQ Datasheet HTML 25Page - Winbond W49V002FAQ Datasheet HTML 26Page - Winbond W49V002FAQ Datasheet HTML 27Page - Winbond W49V002FAQ Datasheet HTML 28Page - Winbond W49V002FAQ Datasheet HTML 29Page - Winbond W49V002FAQ Datasheet HTML 30Page - Winbond W49V002FAQ Datasheet HTML 31Page - Winbond W49V002FAQ Datasheet HTML 32Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
W49V002FA
Publication Release Date: February 19, 2002
- 29 -
Revision A2
Timing Waveforms for FWH Interface Mode, continued
FGPI Register/Product ID Readout Timing Diagram
Note: During the GPI read out mode, the DQ[4:0] will capture the states(High or Low) of the FGPI[4:0] input pins. The DQ[7:5] are reserved pins.
#RESET
FWH[3:0]
Start
IDSEL
Load Address "FFBC0100(hex)" in 7 Clocks for GPI Register
& "FFBC0000(hex)/FFBC0001(hex) for Product ID
CLK
1 Clock
1 Clock
Next Start
1 Clock
2 Clocks
1 Clock
0000b
1101b
Address
Sync
TAR
1111b
Tri-State
0000b
Data out 2 Clocks
D[7:4]
Data
0000b
0001b
/0000b
0000b
0000b
/0001b
D[3:0]
A[27:24]
A[23:20] A[19:16]
0000b
M Size
2 Clocks
TAR
1111b
Tri-State
FWH4
Reset Timing Diagram
CLK
VDD
FWH[3:0]
TPRST
TKRST
TRSTP
TRST
F
TRST
FWH4
#RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com