Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W49V002FAQ Datasheet(PDF) 16 Page - Winbond

Part # W49V002FAQ
Description  256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49V002FAQ Datasheet(HTML) 16 Page - Winbond

Back Button W49V002FAQ Datasheet HTML 12Page - Winbond W49V002FAQ Datasheet HTML 13Page - Winbond W49V002FAQ Datasheet HTML 14Page - Winbond W49V002FAQ Datasheet HTML 15Page - Winbond W49V002FAQ Datasheet HTML 16Page - Winbond W49V002FAQ Datasheet HTML 17Page - Winbond W49V002FAQ Datasheet HTML 18Page - Winbond W49V002FAQ Datasheet HTML 19Page - Winbond W49V002FAQ Datasheet HTML 20Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
W49V002FA
- 16 -
Programmer Interface Mode AC Characteristics, continued
AC Characteristics
Read Cycle Timing Parameters
(VDD = 3.3V
± 5%, VGND = 0V, TA = 0 to 70° C)
PARAMETER
SYMBOL
W49V002FA
UNIT
MIN.
MAX.
Read Cycle Time
TRC
300
-
nS
Row/Column Address Set Up Time
TAS
50
-
nS
Row/Column Address Hold Time
TAH
50
-
nS
Address Access Time
TAA
-
200
nS
Output Enable Access Time
TOE
-
100
nS
#OE Low to Active Output
TOLZ
0
-
nS
#OE High to High-Z Output
TOHZ
-
50
nS
Output Hold from Address Change
TOH
0
-
nS
Write Cycle Timing Parameters
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Reset Time
TRST
1
-
-
µS
Address Setup Time
TAS
50
-
-
nS
Address Hold Time
TAH
50
-
-
nS
R/#C to Write Enable High Time
TCWH
50
-
-
nS
#WE Pulse Width
TWP
100
-
-
nS
#WE High Width
TWPH
100
-
-
nS
Data Setup Time
TDS
50
-
-
nS
Data Hold Time
TDH
50
-
-
nS
#OE Hold Time
TOEH
0
-
-
nS
Byte programming Time
TBP
-
50
100
µS
Erase Cycle Time
TEC
-
0.15
0.2
S
Note: All AC timing signals observe the following guidelines for determining setup and hold times:
(a) High level signal's reference level is input high and (b) low level signal's reference level is input low.
Ref. to the AC testing condition.
Data Polling and Toggle Bit Timing Parameters
PARAMETER
SYMBOL
W49V002FA
UNIT
MIN.
MAX.
#OE to Data Polling Output Delay
TOEP
-
40
nS
#OE to Toggle Bit Output Delay
TOET
-
40
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com