Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W49V002FAQ Datasheet(PDF) 30 Page - Winbond

Part # W49V002FAQ
Description  256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49V002FAQ Datasheet(HTML) 30 Page - Winbond

Back Button W49V002FAQ Datasheet HTML 24Page - Winbond W49V002FAQ Datasheet HTML 25Page - Winbond W49V002FAQ Datasheet HTML 26Page - Winbond W49V002FAQ Datasheet HTML 27Page - Winbond W49V002FAQ Datasheet HTML 28Page - Winbond W49V002FAQ Datasheet HTML 29Page - Winbond W49V002FAQ Datasheet HTML 30Page - Winbond W49V002FAQ Datasheet HTML 31Page - Winbond W49V002FAQ Datasheet HTML 32Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
W49V002FA
- 30 -
ORDERING INFORMATION
PART NO.
ACCESS
TIME
(nS)
POWER SUPPLY
CURRENT MAX.
(mA)
STANDBY VDD
CURRENT MAX.
(
µA)
PACKAGE
W49V002FAP
11
25
20
32L PLCC
W49V002FAQ
11
25
20
32L STSOP
Notes:
1. Winbond reserves the right to make changes to its products without prior notice.
2. Purchasers are responsible for performing appropriate quality assurance testing on products intended for use in
applications where personal injury might occur as a consequence of product failure.
HOW TO READ THE TOP MARKING
Example: The top marking of 32L-PLCC W49V002FA
1
st line: winbond logo
2
nd line: the part number: W49V002FAP
3
rd line: the lot number
4
th line: the tracking code: 132 G H SA
132: Packages made in ’01, week 32
G: Assembly house ID: A means ASE, G means Greatek, ...etc.
H: IC revision; A means version A, H means version H, ...etc.
SA: Process code
W49V002FAP
2123055C-082
132GHSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com