Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W49V002FAQ Datasheet(PDF) 1 Page - Winbond

Part # W49V002FAQ
Description  256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49V002FAQ Datasheet(HTML) 1 Page - Winbond

  W49V002FAQ Datasheet HTML 1Page - Winbond W49V002FAQ Datasheet HTML 2Page - Winbond W49V002FAQ Datasheet HTML 3Page - Winbond W49V002FAQ Datasheet HTML 4Page - Winbond W49V002FAQ Datasheet HTML 5Page - Winbond W49V002FAQ Datasheet HTML 6Page - Winbond W49V002FAQ Datasheet HTML 7Page - Winbond W49V002FAQ Datasheet HTML 8Page - Winbond W49V002FAQ Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
W49V002FA
256K
× 8 CMOS FLASH MEMORY
WITH FWH INTERFACE
Publication Release Date: February 19, 2002
- 1 -
Revision A2
GENERAL DESCRIPTION
The W49V002FA is a 2-megabit, 3.3-volt only CMOS flash memory organized as 256K
× 8 bits. The
device can be programmed and erased in-system with a standard 3.3V power supply. A 12-volt VPP is
not required. The unique cell architecture of the W49V002FA results in fast program/erase operations
with extremely low current consumption. This device can operate at two modes, Programmer bus
interface mode and FWH bus interface mode. As in the Programmer interface mode, it acts like the
traditional flash but with a multiplexed address inputs. But in the FWH interface mode, this device
complies with the Intel FWH specification. The device can also be programmed and erased using
standard EPROM programmers.
FEATURES
• Single 3.3-volt operations:
− 3.3-volt Read
− 3.3-volt Erase
− 3.3-volt Program
• Fast program operation:
− Byte-by-byte programming: 50 µS (typ.)
• Fast erase operation: 150 mS (typ.)
• Fast read access time: Tkq 11 nS
• Endurance: 10K cycles (typ.)
• Twenty-year data retention
• Hardware data protection
− #TBL & #WP serve as hardware protection
• One 16K bytes Boot Block with lockout
protection
• Two 8K bytes Parameter Blocks
• Four main memory blocks (with 32K bytes, 64K
bytes, 64K bytes, 64K bytes each)
• Low power consumption
− Active current: 40 mA (typ. for FWH)
• Automatic program and erase timing with
internal VPP generation
• End of program or erase detection
− Toggle bit
− Data polling
• Latched address and data
• TTL compatible I/O
• Available packages: 32L PLCC, 32L STSOP


Similar Part No. - W49V002FAQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W49V002 WINBOND-W49V002 Datasheet
290Kb / 32P
256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W49V002 WINBOND-W49V002 Datasheet
351Kb / 23P
256K x 8CMOS FLASH MEMORY WITH LPC INTERFACE
W49V002A WINBOND-W49V002A Datasheet
290Kb / 32P
256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W49V002AP WINBOND-W49V002AP Datasheet
290Kb / 32P
256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W49V002AQ WINBOND-W49V002AQ Datasheet
290Kb / 32P
256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
More results

Similar Description - W49V002FAQ

ManufacturerPart #DatasheetDescription
logo
Winbond
W29C020 WINBOND-W29C020 Datasheet
267Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49F002U WINBOND-W49F002U Datasheet
303Kb / 23P
256K X 8 CMOS FLASH MEMORY
W49F020 WINBOND-W49F020 Datasheet
190Kb / 21P
256K X 8 CMOS FLASH MEMORY
W49L201 WINBOND-W49L201 Datasheet
190Kb / 23P
256K X 8 CMOS FLASH MEMORY
W49V002A WINBOND-W49V002A Datasheet
290Kb / 32P
256K x 8 CMOS FLASH MEMORY WITH LPC INTERFACE
W39V040FA WINBOND-W39V040FA Datasheet
518Kb / 36P
512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE
W39V040FB WINBOND-W39V040FB Datasheet
365Kb / 33P
512K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V080FA WINBOND-W39V080FA Datasheet
296Kb / 35P
1M 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FC WINBOND-W39V040FC Datasheet
363Kb / 36P
512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
W39V040FB WINBOND-W39V040FB_07 Datasheet
346Kb / 34P
512K 횞 8 CMOS FLASH MEMORY WITH FWH INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com