Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W49V002FAQ Datasheet(PDF) 13 Page - Winbond

Part # W49V002FAQ
Description  256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49V002FAQ Datasheet(HTML) 13 Page - Winbond

Back Button W49V002FAQ Datasheet HTML 9Page - Winbond W49V002FAQ Datasheet HTML 10Page - Winbond W49V002FAQ Datasheet HTML 11Page - Winbond W49V002FAQ Datasheet HTML 12Page - Winbond W49V002FAQ Datasheet HTML 13Page - Winbond W49V002FAQ Datasheet HTML 14Page - Winbond W49V002FAQ Datasheet HTML 15Page - Winbond W49V002FAQ Datasheet HTML 16Page - Winbond W49V002FAQ Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
W49V002FA
Publication Release Date: February 19, 2002
- 13 -
Revision A2
DC CHARACTERISTICS
Absolute Maximum Ratings
PARAMETER
RATING
UNIT
Power Supply Voltage to VSS Potential
-0.5 to +4.1
V
Operating Temperature
0 to +70
°C
Storage Temperature
-65 to +150
°C
D.C. Voltage on Any Pin to Ground Potential
-0.5 to VDD +0.5
V
Transient Voltage (<20 nS) on Any Pin to Ground Potential
-1.0 to VDD +0.5
V
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability
of the device.
Programmer interface Mode DC Operating Characteristics
(VDD = 3.3V
± 5%, VGND= 0V, TA = 0 to 70° C)
PARAMETER
SYM.
TEST CONDITIONS
LIMITS
UNIT
MIN. TYP.
MAX.
Power Supply
Current
ICC
In Read or Write mode, all DQs open
Address inputs = 3.0V/0V, at f = 3 MHz
-
20
30
mA
Input Leakage
Current
ILI
VIN = GND to VDD
-
-
10
µA
Output Leakage
Current
ILO
VOUT = GND to VDD
-
-
10
µA
Input Low Voltage
VIL
-
-0.3
-
0.8
V
Input High Voltage
VIH
-
2.0
-
VDD +0.5
V
Output Low Voltage
VOL
IOL = 2.1 mA
-
-
0.45
V
Output High Voltage
VOH
IOH = -0.1mA
2.4
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com