Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W49V002FAQ Datasheet(PDF) 14 Page - Winbond

Part # W49V002FAQ
Description  256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49V002FAQ Datasheet(HTML) 14 Page - Winbond

Back Button W49V002FAQ Datasheet HTML 10Page - Winbond W49V002FAQ Datasheet HTML 11Page - Winbond W49V002FAQ Datasheet HTML 12Page - Winbond W49V002FAQ Datasheet HTML 13Page - Winbond W49V002FAQ Datasheet HTML 14Page - Winbond W49V002FAQ Datasheet HTML 15Page - Winbond W49V002FAQ Datasheet HTML 16Page - Winbond W49V002FAQ Datasheet HTML 17Page - Winbond W49V002FAQ Datasheet HTML 18Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
W49V002FA
- 14 -
FWH interface Mode DC Operating Characteristics
(VDD = 3.3V
±5 %, VGND = 0V, TA = 0 to 70° C)
PARAMETER
SYM.
TEST CONDITIONS
LIMITS
UNIT
MIN.
TYP.
MAX.
Power Supply
Current
ICC
All Iout = 0A, CLK = 33 MHz,
in FWH mode operation.
-
40
60
mA
Standby Current
ISB1 FWH4 = 0.9 VDD, CLK = 33 MHz,
all inputs = 0.9 VDD/ 0.1 VDD, no
internal operation
-
20
100
µA
Standby Current
ISB2 FWH4 = 0.1 VDD, CLK = 33 MHz,
all inputs = 0.9 VDD/ 0.1 VDD,
no internal operation
-
3
10
mA
Input Low Voltage
VIL
-
-0.5
-
0.3 VDD
V
Input High Voltage
VIH
-
0.5 VDD
-
VDD +0.5
V
Input Low Voltage for
#INIT
VILI
-
-0.5V
-
0.2 VDD
V
Input High Voltage
for #INIT
VIHI
-
1.35V
-
VDD +0.5
V
Output Low Voltage
VOL
IOL = 1.5 mA
-
-
0.1 VDD
V
Output High Voltage
VOH
IOH = -0.5 mA
0.9 VDD
-
-
V
Power-up Timing
PARAMETER
SYMBOL
TYPICAL
UNIT
Power-up to Read Operation
TPU. READ
100
µS
Power-up to Write Operation
TPU. WRITE
5
mS
CAPACITANCE
(VDD = 3.3V, TA = 25
° C, f = 1 MHz)
PARAMETER
SYMBOL
CONDITIONS
MAX.
UNIT
I/O Pin Capacitance
CI/O
VI/O = 0V
12
pF
Input Capacitance
CIN
VIN = 0V
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com