Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W49V002FAQ Datasheet(PDF) 6 Page - Winbond

Part # W49V002FAQ
Description  256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49V002FAQ Datasheet(HTML) 6 Page - Winbond

Back Button W49V002FAQ Datasheet HTML 2Page - Winbond W49V002FAQ Datasheet HTML 3Page - Winbond W49V002FAQ Datasheet HTML 4Page - Winbond W49V002FAQ Datasheet HTML 5Page - Winbond W49V002FAQ Datasheet HTML 6Page - Winbond W49V002FAQ Datasheet HTML 7Page - Winbond W49V002FAQ Datasheet HTML 8Page - Winbond W49V002FAQ Datasheet HTML 9Page - Winbond W49V002FAQ Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
W49V002FA
- 6 -
Operating Mode Selection - FWH Mode
Operation modes in FWH interface mode are determined by "START Cycle" when it is selected. When
it is not selected, its outputs (FWH[3:0]) will be disable. Please reference to the "FWH Cycle
Definition".
TABLE OF COMMAND DEFINITION
COMMAND
NO. OF
1ST CYCLE
2ND CYCLE
3RD CYCLE
4TH CYCLE
5TH CYCLE
6TH CYCLE
DESCRIPTION
Cycles
Addr. Data
Addr. Data
Addr. Data
Addr. Data
Addr. Data
Addr. Data
Read
1
AIN
DOUT
Chip Erase
6
5555 AA
2AAA 55
5555 80
5555 AA
2AAA 55
5555 10
Sector Erase
6
5555 AA
2AAA 55
5555 80
5555 AA
2AAA 55
SA
30
Byte Program
4
5555 AA
2AAA 55
5555 A0
AIN
DIN
Boot Block Lockout
6
5555 AA
2AAA 55
5555 80
5555 AA
2AAA 55
5555 40
Product ID Entry
3
5555 AA
2AAA 55
5555 90
Product ID Exit
(1)
3
5555 AA
2AAA 55
5555 F0
Product ID Exit
(1)
1
XXXX F0
Notes:
1. The cycle means the write command cycle not the FWH clock cycle.
2. The Column Address / Row Address are mapped to the Low / High order Internal Address. i.e. Column Address
A[10:0] are mapped to the internal A[10:0], Row Address A[6:0] are mapped to the internal A[17:11]
3. Address Format: A14
−A0 (Hex); Data Format: DQ7-DQ0 (Hex)
4. Either one of the two Product ID Exit commands can be used.
5. SA: Sector Address
SA = 3C000h to 3FFFFh for Boot Block
SA = 3A000h to 3BFFFh for Parameter Block1
SA = 38000h to 39FFFh for Parameter Block2
SA = 30000h to 37FFFh for Main Memory Block1
SA = 2XXXXh for Main Memory Block2
SA = 1XXXXh for Main Memory Block3
SA = 0XXXXh for Main Memory Block4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com