Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W49V002FAQ Datasheet(PDF) 18 Page - Winbond

Part # W49V002FAQ
Description  256K X 8 CMOS FLASH MEMORY WITH FWH INTERFACE
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W49V002FAQ Datasheet(HTML) 18 Page - Winbond

Back Button W49V002FAQ Datasheet HTML 14Page - Winbond W49V002FAQ Datasheet HTML 15Page - Winbond W49V002FAQ Datasheet HTML 16Page - Winbond W49V002FAQ Datasheet HTML 17Page - Winbond W49V002FAQ Datasheet HTML 18Page - Winbond W49V002FAQ Datasheet HTML 19Page - Winbond W49V002FAQ Datasheet HTML 20Page - Winbond W49V002FAQ Datasheet HTML 21Page - Winbond W49V002FAQ Datasheet HTML 22Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
W49V002FA
- 18 -
Timing Waveforms for Programmer Interface Mode, continued
Program Cycle Timing Diagram
A[10:0]
Byte 0
Byte 1
Byte 2
Internal Write Start
DQ[7:0]
Byte Program Cycle
TBP
TWPH
TWP
5555
5555
2AAA
AA
A0
55
Programmed Address
Data-In
Byte 3
Note: The internal address A[17:0] are converted from external Column/Row address.
Column/Row Address are mapped to the Low/High order internal address.
i.e. Column Address A[10:0] are mapped to the internal A[10:0],
Row Address A[6:0] are mapped to the internal A[17:11].
(Internal A[17:0])
#OE
#WE
#C
R/
#DATA Polling Timing Diagram
A[10:0]
DQ7
X
X
X
TOEP
TEC
TBP or
X
(Internal A[17:0])
An
An
An
An
#OE
#WE
#C
R/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com