Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2702 Datasheet(PDF) 8 Page - ams AG

Part # AS2702
Description  AS-Interface Slave IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702 Datasheet(HTML) 8 Page - ams AG

Back Button AS2702 Datasheet HTML 4Page - ams AG AS2702 Datasheet HTML 5Page - ams AG AS2702 Datasheet HTML 6Page - ams AG AS2702 Datasheet HTML 7Page - ams AG AS2702 Datasheet HTML 8Page - ams AG AS2702 Datasheet HTML 9Page - ams AG AS2702 Datasheet HTML 10Page - ams AG AS2702 Datasheet HTML 11Page - ams AG AS2702 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AS-Interface Slave IC
AS2702 (SAP4.1)
Rev. C, January 2001
Page 8 of 18
input data to be valid within a specific time window relative to the HL-edge of the strobe,
after completion of the strobe’s L-phase.
If necessary, output data as per ha) and hb) can be easily latched with the LH-edge of strobe
DSTBn as they will remain valid for about 0.4 µs beyond as a minimum.
Care must be taken however, that signal delay added by external circuitry is lower for the
strobe than for the data.
Fig. 2: Timing of data transfer at data port D3, …, D0 relative to strobe DSTBn
The following table specifies the timing parameters relating to fig. 2:
6\PERO
3DUDPHWHU
PLQ
PD[
8QLW
1RWH
tSTB
Delay DSTBn HL-edge to Dx
output data valid
1.5
µs
tDSTBn
DSTBn strobe width
6
6.8
µs
1
tOUTOFF
Delay DSTBn LH-edge to Dx
output off
0.2
1
µs
2
tINP
Input data valid time window
10.5
12.5
µs
3
Notes:
1
Pulse width depends substantially on value of external pull-up resistor
2
Applies only to data port pins set to 'output / input' operation
3
Timing reference is DSTBn HL-edge.
Applies only to data port pins set to either 'output / input' or 'input' operation
Data in
Data out
Data in
Data out
t
STB
t
DSTBn + 0.4 µs
t
DSTBn + tOUTOFF
t
DSTBn
t
INPmin
t
INPmax
Dx
Dx
DSTBn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com