Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2702 Datasheet(PDF) 11 Page - ams AG

Part # AS2702
Description  AS-Interface Slave IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702 Datasheet(HTML) 11 Page - ams AG

Back Button AS2702 Datasheet HTML 7Page - ams AG AS2702 Datasheet HTML 8Page - ams AG AS2702 Datasheet HTML 9Page - ams AG AS2702 Datasheet HTML 10Page - ams AG AS2702 Datasheet HTML 11Page - ams AG AS2702 Datasheet HTML 12Page - ams AG AS2702 Datasheet HTML 13Page - ams AG AS2702 Datasheet HTML 14Page - ams AG AS2702 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AS-Interface Slave IC
AS2702 (SAP4.1)
Rev. C, January 2001
Page 11 of 18
The following table specifies the timing parameters relating to fig. 3:
6\PERO
3DUDPHWHU
PLQ
PD[
8QLW
1RWH
tSTB
Delay PSTBn HL-edge to Px
output data valid
1.5
µs
tPSTBn
PSTBn strobe width
6
6.8
µs
1
tINP
Input data valid time window
10.5
12.5
µs
2
Notes:
1
Pulse width depends substantially on value of external pull-up resistor
2
Timing reference is PSTBn HL-edge.
Applies only to parameter port set to 'input' operation
The dc-parameters of the parameter port pins P3, …, P0 are specified as follows:
6\PERO
3DUDPHWHU
PLQ
PD[
8QLW
1RWH
IOUTLO
Sink current @ output L
10
mA
VOUT = 1V
IOUTHI
Leakage current @ output off
- 10
10
µA
VOUT = 5V
IOUTHI7
Leakage current @ output off;
pull-up current source off
- 1
1
µA
VOUT = 5V;
IO-conf. = 7
IINLO
Input current @ VIN = 1V
- 5
- 20
µA
1
VSCHLT
Input threshold voltage
2.5
3.5
V
2
VIN
Acceptable input voltage @
output off
- 0.3
40
V
Notes:
1
The passive high-side current-source provides an about constant input current @
0V <= VIN <= 4V
2
No hysteresis implemented
Though equipped for bidirectional data transfer as D3, …, D0, the parameter port is never-
theless less flexible than the data port.
Note the following differences:
ik) The parameter port is set portwise, the data port bitwise by the IO-configuration code;
il) The parameter port can only be set to either ‘output’ or ‘input’. A bidirectional behaviour
within a strobe cycle is not possible;
im) The parameter port is set to ‘output’ as a rule; the only exception occurs in case of IO-
configuration 7 and a master data request, which set it to ‘input’.
To govern the data transfer at the parameter port P3, …, P0 strobe pin PSTBn is equipped
with a low-side open-drain output switch plus a passive high-side current source with a nom.
10 µA pull-up current capability. Typically the PSTBn-strobe width is about 6 µs, see fig. 3.
( However to simplify and shorten the component test time of the slave device, the PSTBn pin
is also used as an input. Input low pulses of more than 50 µs each will step and cycle the de-
vice through 3 different testmodes beyond the regular operation as described in this da-
tasheet.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com