Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2702 Datasheet(PDF) 7 Page - ams AG

Part # AS2702
Description  AS-Interface Slave IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702 Datasheet(HTML) 7 Page - ams AG

Back Button AS2702 Datasheet HTML 3Page - ams AG AS2702 Datasheet HTML 4Page - ams AG AS2702 Datasheet HTML 5Page - ams AG AS2702 Datasheet HTML 6Page - ams AG AS2702 Datasheet HTML 7Page - ams AG AS2702 Datasheet HTML 8Page - ams AG AS2702 Datasheet HTML 9Page - ams AG AS2702 Datasheet HTML 10Page - ams AG AS2702 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AS-Interface Slave IC
AS2702 (SAP4.1)
Rev. C, January 2001
Page 7 of 18
with VSIG > 3V, VUOUT may drop as much as 1V below it’s level
in unloaded condition
2
Electrolythic and rf filter capacitor in parallel
I 1RP9SRZHUVXSSO\RXWSXW85
The voltage at U5R is derived from the voltage present at UOUT, as long as UOUT is not
switched off due to overload. In the latter case U5R is derived from an alternative voltage out
of the UOUT voltage regulator, which is more or less similar to VUOUT in non switched off
condition of UOUT. As a result VU5R is not affected by overload condition at UOUT and will
remain.
6\PERO
3DUDPHWHU
PLQ
PD[
8QLW
VU5R
Power supply output voltage
4.85
5.15
V
IU5R
Load current
1
mA
CU5R
Buffer capacitor
100
nF
J 2VFLOODWRUSLQV26&DQG26&
The only component to be connected to these pins is a quartz crystal with a resonance fre-
quency of 5.333333 MHz (AS-Interface quartz crystal).
6\PERO
3DUDPHWHU
PLQ
PD[
8QLW
CX2
Stray capacitance
10
pF
K 'DWDSRUWSLQV'«'DQGGDWDVWUREHSLQ'67%Q
Basically data port D3, …, D0 is designed for bidirectional data transfer out of and into the
slave device. Each data port pin is equipped with both a low-side open-drain output stage as
well as an input stage to this purpose.
Depending on the so called IO-configuration code, written into and stored in the slave device,
each data port pin is individually set to behave as
• output, or
• output / input, or
• input.
The timing of the data transfer is presented in fig. 2.
Strobe signal DSTBn flags and governs the data transfer as follows:
ha) data port pin is set ‘output’:
output data become valid upon the HL-edge of the strobe and will remain so until the next
HL-edge, hence during the entire strobe cycle;
hb) data port pin is set ‘output / input’:
output data become valid upon the HL-edge of the strobe and will remain so until it’s LH-
edge; input data to be valid within a specific time window relative to the HL-edge, after
completion of the strobe’s L-phase;
hc) data port pin is set ‘input’:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com