Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2702 Datasheet(PDF) 3 Page - ams AG

Part # AS2702
Description  AS-Interface Slave IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702 Datasheet(HTML) 3 Page - ams AG

  AS2702 Datasheet HTML 1Page - ams AG AS2702 Datasheet HTML 2Page - ams AG AS2702 Datasheet HTML 3Page - ams AG AS2702 Datasheet HTML 4Page - ams AG AS2702 Datasheet HTML 5Page - ams AG AS2702 Datasheet HTML 6Page - ams AG AS2702 Datasheet HTML 7Page - ams AG AS2702 Datasheet HTML 8Page - ams AG AS2702 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AS-Interface Slave IC
AS2702 (SAP4.1)
Rev. C, January 2001
Page 3 of 18
%ORFN'LDJUDP
3LQ $VVLJQPHQWDQG'HVFULSWLRQ
62,& 62,& 1DPH
7\SH
1RWH
'HVFULSWLRQ
Pin Nr.:
Pin Nr.:
1
--
P1
I/O, digital,
pull-up
1, 2
Bidir. parameter port bit 1
2
--
P0
I/O, digital,
pull-up
1, 2
Bidir. parameter port bit 0
3
1
D1
I/O, digital
Bidir. data port bit 1
4
2
D0
I/O, digital
Bidir. data port bit 0
5
3
DSTBn
I/O, digital,
pull-up
1
Data port strobe output; reset-input
6
4
LED1
I/O, digital,
pull-up
1
LED output 1 (IC test input)
7
5
OSC2
O, analog
Output to quarz crystal
8
6
OSC1
I, analog
Input from quartz crystal
9
7
U5R
O, power
Nom. 5V power supply output
10
8
LTGN
I, power
Neg. supply pin, connected
LTGP
LTGN
UOUT
CDC
U5R
OSC2
OSC1
OSCIL-
LATOR
RECEIVE
TRANSMIT
JABBER
INHIBIT
U5R
U5R
U5R
U5R
V
LTGP-6V
THERMO-
DETECTOR
+
-
+
-
BANDGAP
PORN
TRIMMING
U5R
16 x 8 BIT
SERIAL E2PROM
11
IMP_POS
IMP_NEG
RESET
threshold
4
4
LOGIC BLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com