Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2702 Datasheet(PDF) 12 Page - ams AG

Part # AS2702
Description  AS-Interface Slave IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702 Datasheet(HTML) 12 Page - ams AG

Back Button AS2702 Datasheet HTML 8Page - ams AG AS2702 Datasheet HTML 9Page - ams AG AS2702 Datasheet HTML 10Page - ams AG AS2702 Datasheet HTML 11Page - ams AG AS2702 Datasheet HTML 12Page - ams AG AS2702 Datasheet HTML 13Page - ams AG AS2702 Datasheet HTML 14Page - ams AG AS2702 Datasheet HTML 15Page - ams AG AS2702 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
AS-Interface Slave IC
AS2702 (SAP4.1)
Rev. C, January 2001
Page 12 of 18
The dc- and timing parameters of strobe pin PSTBn are specified as follows:
6\PERO
3DUDPHWHU
PLQ
PD[
8QLW
1RWH
IOUTLO
Sink current @ output L
10
mA
VOUT = 1V
IOUTHI
Leakage current @ output off
- 10
10
µA
VOUT = 5V
IINLO
Input current @ VIN = 1V
- 5
- 20
µA
1
VSCHLT
Input threshold voltage
1.5
3.5
V
2
VIN
Acceptable input voltage @ out-
put off
- 0.3
40
V
tNOTM
PSTBn L-phase width, not trig-
gering testmode
35
µs
tTM
PSTBn L-phase width, triggering
testmode
50
µs
CPINEXT
Stray capacitance
20
pF
Notes:
1
PSTBn is equipped with an on-chip pull-up current source, which ensures
a sufficiently fast LH-edge upon output switch-off in open-pin condition, to prevent
erroneous testmode triggering.
If PSTBn has an external load connected to it, an additional external pull-up resistor
may be needed to prevent erroneous testmode triggering upon output switch-off
2
No hysteresis implemented
2SHUDWLRQVWDWXVSLQV/('DQG/('
Pins LED1 and LED2 are both equipped with a low-side open-drain output switch plus a pas-
sive high-side current source with a nom. 10 µA pull-up current capability. They will each have
an LED load connected to UOUT, which will flag the operation status of the slave device, ac-
cording to the following table:
2XWSXW/(' 2XWSXW/(' )ODJJLQJ3ULRULW\
6ODYH 'HYLFH
2SHUDWLRQ6WDWXV
5HDVRQ
JUHHQ /('
FRQQHFWHG
UHG /(' FRQ
QHFWHG
 KLJKHVW«
 ORZHVW
off
off
Supply voltage off
No supply voltage
on
off
Regular operation
off
on
4
No Data
Communication
Regular, non-zero
slave address coded;
data comm. watchdog
triggered
blinks
on
3
No regular slave
address coded
Slave address = de-
fault zero
blinks
blinks
(alternating with
LED1)
2
Hardware failure in
sensor / acuator
circuitry
Input PFAULT = L
off
blinks
1
External RESET or
Overload at UOUT
pin
DSTBn = L to RESET,
or UOUT switched-off
due to overload
(LED1 and LED2 both also feature an input stage, to simplify component test and shorten test
time of the slave device.)
The dc- and timing parameters of pins LED1 and LED2 are specified as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com