Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2702 Datasheet(PDF) 2 Page - ams AG

Part # AS2702
Description  AS-Interface Slave IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702 Datasheet(HTML) 2 Page - ams AG

  AS2702 Datasheet HTML 1Page - ams AG AS2702 Datasheet HTML 2Page - ams AG AS2702 Datasheet HTML 3Page - ams AG AS2702 Datasheet HTML 4Page - ams AG AS2702 Datasheet HTML 5Page - ams AG AS2702 Datasheet HTML 6Page - ams AG AS2702 Datasheet HTML 7Page - ams AG AS2702 Datasheet HTML 8Page - ams AG AS2702 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AS-Interface Slave IC
AS2702 (SAP4.1)
Rev. C, January 2001
Page 2 of 18
.H\ )HDWXUHV
• Interface Device to connect Actuators and Sensors to an AS-Interface Bus
• Conforms to AS-Interface Spec. V2.11
• DC Power Extraction from the AS-Interface Bus
• Serial bidir. Data Communication with the Bus
• Data Communication Watchdog
• 4-Bit bidir. Data Port plus Strobe to poll the Sensors and control the Actuators con-
nected
• 4-Bit Parameter Port plus Strobe to provide Settings to the Sensors and Actuators
• 24V Power Supply for the Sensors and Actuators
• Periphery Fault Input to signal Hardware Failure of the Sensors and Actuators
• Integrated 16 x 8 Bit EEPROM to store (5 + 1)-Bit Slave Address and Settings
• 2 LED Outputs to optically flag Slave Unit Operation Status
• Operating Temperature Ta:
- 25 °C … + 85 °C
• Operating Supply Voltage / Bus DC Voltage:
typ. 30 V
• Operating Current (Osc. on, Outputs idle):
≤ 6 mA
• Supply for Sensors / Actuators:
typ. 24 V,
≤ 50 mA
• Package:
SOIC 20 for full Functionality;
SOIC 16 for Applications not requiring the Parameter Port
*HQHUDO'HVFULSWLRQ
AS2702 (SAP4.1) is a new generation AS-interface slave device conforming to AS-interface-
specification V2.11, which supports AS-interface bus systems with up to 62 slave modules.
Each slave module is equipped with an AS2702 device, which interfaces the module to the
unshielded 2-wire AS-interface bus for serial bidirectional data communication and power ex-
traction.
Data communication over the AS-interface bus takes place in master slave fashion, which
foresees that all slave devices AS2702 connected to the bus are sequentially and cyclicly ad-
dressed by a single, central master unit. Data on the AS-interface bus are Manchester en-
coded and can be found as sin2-pulses with a Vpp of between 3V and 8V on top of the bus’
dc voltage of nominally 30V.
AS2702 regulates the nominal dc bus voltage of 30V internally down to 5V to supply it’s inter-
nal circuitry including a 16 x 8 bits EEPROM, as well as down to a nominal supply level 24V
with a max. loading of 50 mA for the actuators and sensors connected to it at the field side.
Each slave device AS2702 may interface to up to 4 sensors or 3 actuators. An AS-interface
bus system based on AS2702 may hence link as many as 248 sensors or 186 actuators to a
single master unit.
Slave device AS2702 (SAP4.1) is system compatible with predecessor device AS2701A
(ISA3+): slave modules equipped with AS2702 (SAP4.1) will run in existing AS-interface bus
systems based on AS2701A (ISA3+).
The AS-interface concept is well established as a standardized digital bus system for indus-
trial automation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com