Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2702 Datasheet(PDF) 14 Page - ams AG

Part # AS2702
Description  AS-Interface Slave IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702 Datasheet(HTML) 14 Page - ams AG

Back Button AS2702 Datasheet HTML 10Page - ams AG AS2702 Datasheet HTML 11Page - ams AG AS2702 Datasheet HTML 12Page - ams AG AS2702 Datasheet HTML 13Page - ams AG AS2702 Datasheet HTML 14Page - ams AG AS2702 Datasheet HTML 15Page - ams AG AS2702 Datasheet HTML 16Page - ams AG AS2702 Datasheet HTML 17Page - ams AG AS2702 Datasheet HTML 18Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
AS-Interface Slave IC
AS2702 (SAP4.1)
Rev. C, January 2001
Page 14 of 18
If UOUT drops below VCOMOFF = nom. 10V data communication with the AS-interface bus is
aborted by the receiver or transmitter of the slave device. As long as U5R does not drop be-
low 3.75V in this situation, no ‘hard’ reset takes place; however the data communication
watchdog will be triggered (unless disabled) and a ‘soft’ reset will result.
((3520
AS2702 has a 16 x 8 Bits serial interface EEPROM on board to store the slave unit’s address
and set-up data in a non-volatile fashion.
The EEPROM stores the following data:
((3520
$GGUHVV
'DWD
5HOHYDQW 1U
RIELWV
3URJUDPPHGE\
1RWH
0, 1
Slave Address
5 + 1
Master (Initialization)
1
2
Settings (EID1)
4
Master (Initialization)
3
Settings (IO-Conf.)
5
Slave unit manufacturer
4
Settings (ID)
5
Slave unit manufacturer
5
Settings (EID2)
5
Slave unit manufacturer
6
Settings (Control-
Code)
5
Slave unit manufacturer
Note
1
6 Bits (A4, …, A0 + Sel-bit) in extended address mode: 62 slaves addressable;
5 Bits (A4, …, A0) in non-extended address mode: 31 slaves addressable
Obviously the capacity of the EEPROM is only partially used.
Reading and writing of the EEPROM is performed bytewise and trough temporary, volatile
registers.
Writing of data from the volatile register into the EEPROM takes about 10 ms per byte,
whereas reading takes less than 1 ms per byte.
Upon RESET the EEPROM info is read into temporary registers, including the slave’s address
which has been written redundantly into EEPROM locations 0 and 1 before.
The temporary registers receiving the address are compared for similarity; in case of non-
similarity – which e.g. may have been caused by a supply voltage dip during address writing –
the slave will flag non-regular operation status / slave address zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com