Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2702 Datasheet(PDF) 15 Page - ams AG

Part # AS2702
Description  AS-Interface Slave IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702 Datasheet(HTML) 15 Page - ams AG

Back Button AS2702 Datasheet HTML 10Page - ams AG AS2702 Datasheet HTML 11Page - ams AG AS2702 Datasheet HTML 12Page - ams AG AS2702 Datasheet HTML 13Page - ams AG AS2702 Datasheet HTML 14Page - ams AG AS2702 Datasheet HTML 15Page - ams AG AS2702 Datasheet HTML 16Page - ams AG AS2702 Datasheet HTML 17Page - ams AG AS2702 Datasheet HTML 18Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
AS-Interface Slave IC
AS2702 (SAP4.1)
Rev. C, January 2001
Page 15 of 18
$6 ,QWHUIDFH%XV&RPPXQLFDWLRQ
All slaves connected to an AS-interface bus are sequentially and cyclicly called by the master
in a string of individual transactions between the master and each slave unit.
A transaction consists of a 14 bits master request, typically containing the slave’s address as
well as data or parameter info, and an immediate acknowledging slave response of 7 bits.
The 14 bits master request - apart from Start Bit ST = 0 and End Bit EB = 1 – has the follow-
ing contents:
• 1 Control Bit CB: CB = 0 stands for data transfer (typ. data or parameters)
CB = 1 identifies command-type requests
• 5 Address Bits: A4, …, A0
• 5 Information Bits:
I4, …, I0 (typ. data or parameters)
• 1 Parity Bit PB.
AS2702 allows for up to 62 slaves on the same AS-interface bus; this requires a slave ad-
dress extended to 6 bits, hence an extra bit beyond A4, …, A0.
Information bit I3 is used as the 6
th address bit in this so-called extended address mode. It is
called Sel-bit, as it is perceived as to select between A-slave (Sel = 0) and B-slave (Sel = 1) at
address location A4, …, A0.
In non-extended address mode AS2702 is addressed with A4, …, A0 only - for a max. total of
31 slaves per AS-interface bus system, and is system compatible with existing slave device
AS2701A.
The 7 bits slave response – apart from Start Bit ST = 0 and End Bit EB = 1 – has the following
contents:
• 4 Information Bits:
I4, …, I0 (typ. data or parameters)
• 1 Parity Bit PB.
Detailed descriptions of all types of master requests and corresponding slave responses can
be found in AS-Interface Specification V2.11, obtainable from the AS-International Association
(D) or its local representative, see section “Application Support”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com