Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2702 Datasheet(PDF) 6 Page - ams AG

Part # AS2702
Description  AS-Interface Slave IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702 Datasheet(HTML) 6 Page - ams AG

Back Button AS2702 Datasheet HTML 2Page - ams AG AS2702 Datasheet HTML 3Page - ams AG AS2702 Datasheet HTML 4Page - ams AG AS2702 Datasheet HTML 5Page - ams AG AS2702 Datasheet HTML 6Page - ams AG AS2702 Datasheet HTML 7Page - ams AG AS2702 Datasheet HTML 8Page - ams AG AS2702 Datasheet HTML 9Page - ams AG AS2702 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
AS-Interface Slave IC
AS2702 (SAP4.1)
Rev. C, January 2001
Page 6 of 18
F 6XSSO\SLQ/7*3
Positive supply pin connected to positive AS-interface bus line and clamped relative to neg.
supply pin / ground LTGN as described under Recommended Operating Conditions.
VLTGP and ILTG specified under Recommended Operating Conditions as well.
6\PERO 3DUDPHWHU
PLQ
PD[
8QLW
1RWH
VSIG
VPP of sin2-data-pulses
on top of dc supply voltage
38
V
Z
Input impedance
between 50 kHz and 300 kHz
40
pF
CCDC = 100 nF
1
18
kOhm
1
50
mH
1
Note:
1
Input equivalent circuit is parallel arrangement of C, R and L
G %XIIHUSLQ&'&
An external buffer capacitor with a recommended value of 100 nF should be connected to this
pin to ensure a sufficiently high input impedance Z at power supply pin LTGP.
Voltage at this pin can be as high as VLTGP.
H 1RP9SRZHUVXSSO\RXWSXW8287
The supply output voltage at UOUT is directly derived from VLTGP and regulated to a level
with an offset of about - 6V relative to VLTGP.
UOUT provides bias to the sensors and actuators circuitry connected to the slave device as
well as to the LEDs connected to outputs LED1 and LED2.
UOUT is equipped with a thermal overload protection, which foresees that VUOUT is switched
off as soon as the slave device’s substrate temperature TJ passes a threshold value in the
range of (155 -+ 20)°C.
After TJ has come down and has passed a temperature threshold about (15 -+ 5)°C lower
than (155 -+ 20)°C and after a consecutive minimum delay of 1 s has elapsed, VUOUT is
switched on again.
6\PERO
3DUDPHWHU
PLQ
PD[
8QLW
1RWH
VUOUT
Power supply output voltage
VLTGP -
6.3V
VLTGP -
5.3V
V
IUOUT
Load current
50
mA
1
VCOMOFF
UOUT voltage level
9.5
10.5
V
below which data transmission
is inhibited
CUOUT
Buffer capacitor
10
µF
2
Notes:
1
In case IUOUT > 40 mA and presence of sin2-data pulses on LTGP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com