Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2702 Datasheet(PDF) 4 Page - ams AG

Part # AS2702
Description  AS-Interface Slave IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702 Datasheet(HTML) 4 Page - ams AG

  AS2702 Datasheet HTML 1Page - ams AG AS2702 Datasheet HTML 2Page - ams AG AS2702 Datasheet HTML 3Page - ams AG AS2702 Datasheet HTML 4Page - ams AG AS2702 Datasheet HTML 5Page - ams AG AS2702 Datasheet HTML 6Page - ams AG AS2702 Datasheet HTML 7Page - ams AG AS2702 Datasheet HTML 8Page - ams AG AS2702 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AS-Interface Slave IC
AS2702 (SAP4.1)
Rev. C, January 2001
Page 4 of 18
to neg. AS-interface bus line;
ground reference.
11
9
LTGP
I, power
Pos. supply pin, connected
to pos. AS-interface bus line
12
10
CDC
I/O, analog
Pin for ext. buffer capacitor
13
11
UOUT
O, power
Nom. 24V power supply output
14
12
PFAULT I, digital, pull-
up
1
Low-active input to flag failure
of the sensors / actuators circuitry con-
nected
15
13
LED2
I/O, digital,
pull-up
1
LED output 2 (IC test input)
16
14
PSTBn
I/O, digital,
pull-up
1
Parameter port strobe output
(IC test input)
17
15
D3
I/O, digital
Bidir. data port bit 3
18
16
D2
I/O, digital
Bidir. data port bit 2
19
--
P3
I/O, digital,
pull-up
1, 2
Bidir. parameter port bit 3
20
--
P2
I/O, digital,
pull-up
1, 2
Bidir. parameter port bit 2
Notes:
1
The pull-up structure is a passive high-side current source with a nom. 10 µA current
2
The passive pull-up current source as per note 1 on these parameter port pins is off,
if the slave device is programmed with I/O-configuration code 7 and a master data
call is present
)XQFWLRQDOHOHFWULFDODQGWLPLQJFKDUDFWHULV
WLFV
All voltages are referenced to ground pin LTGN. Timing is valid for a quartz crystal frequency
of 5.333 MHz.
a) Absolute maximum ratings
6\PERO 3DUDPHWHU
0LQ
0D[
8QLW
1RWH
VLTGP
Voltage at the positive supply pin
- 0.3
40
V
1
VCDC
Volage at pin for ext. buffer capacitor
- 0.3
VLTGP +
0.3V
V
VU5R
Voltage at pins U5R, OSC1, OSC2
- 0.3
7
V
IIN
Input current at any pin, except for LTGP,
CDC
- 50
50
mA
2
ESD1
Electrostatic discharge voltage
1500
V
3
ESD2
Electrostatic discharge voltage
200
V
4
ΘSTG
Storage temperature
- 55
125
V
ΘLEAD Solder temperature
260
°C
5
PTOT
Max. power dissipation
1
W
6
RTHJA
Thermal resistance SOIC 16
61.2
74.8
°K / W
7
RTHJA
Thermal resistance SOIC 20
58.5
71.5
°K / W
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com