Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2702 Datasheet(PDF) 5 Page - ams AG

Part # AS2702
Description  AS-Interface Slave IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702 Datasheet(HTML) 5 Page - ams AG

  AS2702 Datasheet HTML 1Page - ams AG AS2702 Datasheet HTML 2Page - ams AG AS2702 Datasheet HTML 3Page - ams AG AS2702 Datasheet HTML 4Page - ams AG AS2702 Datasheet HTML 5Page - ams AG AS2702 Datasheet HTML 6Page - ams AG AS2702 Datasheet HTML 7Page - ams AG AS2702 Datasheet HTML 8Page - ams AG AS2702 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AS-Interface Slave IC
AS2702 (SAP4.1)
Rev. C, January 2001
Page 5 of 18
Notes:
1
50 V during t > 50 µs; repetition rate < 0.5 Hz
2
Latch-up immunity test. Pls. observe max. power dissipation allowed.
3
Human body model: R = 1.5 kOhm; C = 100 pF
4
Machine model; applies only for LTGP-LTGN
5
260 °C during 10 s (reflow and wave soldering); 360 °C during 3 s for manual solder-
ing. Twofold reflow soldering is acceptable.
6
Free convection, see fig. 1
7
No forced cooling. PCB-surface: 21 cm2; still air volume around the device: 10 cm
3
Fig. 1: Max. acceptable power dissipation relative to ambient temperature
b) Recommended Operating Conditions
6\PERO
3DUDPHWHU
PLQ
QRP
PD[
8QLW
1RWH
VLTGP
Positive supply voltage / dc
portion
17.5
34
V
1
ILTG
Supply current consumption
6
mA
2
OA
Ambient temperature
- 25
25
85
°C
3
FC
Quartz frequency
5.3333
33
MHz
4
Sensitivity against moisture
5
Notes:
1
False-poling protection diode to be inserted between pos. AS-interface bus line and
LTGP-pin. LTGP-pin to be protected furthermore with a voltage clamp between
LTGP and LTGN.
2
Oscillator on; data transmission stage off; no loads connected
3
Power dissipation restrictions as per fig. 1 to be observed
4
ASI Quarz
5
Level 5 acc. to JEDEC-standard JESD22-A112, Table 1
1
0,5
50
100
t/ °C
Pv/ W
1
0,5
50
100
t/ °C
Pv/ W
62,&
62,&



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com