Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5501 Datasheet(PDF) 8 Page - ams AG

Part # AS5501
Description  Multimode Powerline-Modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5501 Datasheet(HTML) 8 Page - ams AG

Back Button AS5501 Datasheet HTML 4Page - ams AG AS5501 Datasheet HTML 5Page - ams AG AS5501 Datasheet HTML 6Page - ams AG AS5501 Datasheet HTML 7Page - ams AG AS5501 Datasheet HTML 8Page - ams AG AS5501 Datasheet HTML 9Page - ams AG AS5501 Datasheet HTML 10Page - ams AG AS5501 Datasheet HTML 11Page - ams AG AS5501 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
comp
+
-
2.5V
VREF
PORN
ResTh
R1
R2
R3
R1=R2=R3=appr.25k
VDD
VSS
VSS
VDD
Ra
Rb
k=Rb / (Ra+Rb)
Off-Delay
porv
Vth =
2*VREF
1+k
with Ra, Rb << R1,R2,R3:
VDD
porv
PORN
300ms
Rhyst=appr.290k
With V(ResTh) defined by external resistors much smaller than R1-3, the POR- threshold can
be set in the range of 2.5V to 5.0V according to the given equation.
1.1.3 TIMING
MCLK: The circuit gets clocked by an 11.0592MHz MASTER CLOCK from external which
is the frequency reference for all RX and TX functions. Since this circuit is working as a
narrow band FSK-modem, the precision of this clock is very critical.
CKSYS: The master-clock divided by 2 is presented at the output CKSYS. In test-mode1 this
pin is used to measure the FSK_ZC signal. In test-mode 2 this pin is used to measure the
PLL-output SC-CLK. In test-mode 3 this pin is used to measure the PLL-output Fmixer.
TxEnI: Transmission gets initialized by setting the input signal TxEn to low. When ZCEN
(zero-crossing TX-sync) is disabled, the internal signal TxEnI is following and setting the
TX-driver active immediately. When ZCEN is enabled, the signal TxEnI is set to low after
the high-going edge of ZC-input after TxEn was forced low.
TxEn
ZC
CKR/T
valid
valid
valid
valid
RXD
TXD
receive
transmit
TxEnI
CKTX
TXD-input gets strobed by CKR/T in TxSyn-mode which can be entered with setting D7 of
the TST-Reg. to H. In default mode (asynchr. TXD) the CKR/T gets synchronised by
TXD-edges with a clock 64 times the baud-rate.
TX-TIMEOUT: There is a timeout-function implemented which sets the device back to
receive-mode (TxEnI=H) after 3 seconds of transmission. This timeout-function can be
disabled by setting the contol-bit MMV by the serial interface. In test-mode 2 and 3 the 3sec
timeout is divided by 256 to 11.7ms to reduce test-time.
AS5501 / AS5502 Multimode Powerline Modem
Data Sheet
Rev A, May 2000
Page 7/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com