Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5501 Datasheet(PDF) 2 Page - ams AG

Part # AS5501
Description  Multimode Powerline-Modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5501 Datasheet(HTML) 2 Page - ams AG

  AS5501 Datasheet HTML 1Page - ams AG AS5501 Datasheet HTML 2Page - ams AG AS5501 Datasheet HTML 3Page - ams AG AS5501 Datasheet HTML 4Page - ams AG AS5501 Datasheet HTML 5Page - ams AG AS5501 Datasheet HTML 6Page - ams AG AS5501 Datasheet HTML 7Page - ams AG AS5501 Datasheet HTML 8Page - ams AG AS5501 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Multimode Powerline-Modem
AS5501 / AS 5502
Key Features:
AS5501/02 is an FSK-modem device for narrow-band FSK communication via a
Power-Line. The device is operated with a single supply voltage of 5V while the attached
TX-driver stage is generating a 7Vpp (AS5501) or a 14Vpp (AS5502) FSK-signal with very
low distortion which needs a supply of the external driver stage of 12V (AS5501) and 24V
(AS5502) respectively. The high output-voltages which gets coupled to the power-line by
using a transformer with proper ratios gives the advantage to lower the output impedance of
the buffer while the buffer supply-current gets kept small.
Precise filtering gives an receiver performance with low BER-figures at <13dB of S/N white
inband-noise and <-40dB S/N with monochromatic outband-noise and a sensitivity of
1.5mV
The carrier frequency is programmable in a range from 64kHz to 140kHz to support a big
variety of communication-bands including home-automation applications.
Modulation depth and Baud-Rate are programmable to 600Hz/1200Hz and 600, 1200,
2400B/s.
There is a carrier-detect function included to support channels with protocoll.
In addition to the modem-function a reference voltage output is available as well as a
supply-supervision.
AS5501 / AS5502 Multimode Powerline Modem
Data Sheet
Rev A, May 2000
Page 1/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com