Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5501 Datasheet(PDF) 7 Page - ams AG

Part # AS5501
Description  Multimode Powerline-Modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5501 Datasheet(HTML) 7 Page - ams AG

Back Button AS5501 Datasheet HTML 3Page - ams AG AS5501 Datasheet HTML 4Page - ams AG AS5501 Datasheet HTML 5Page - ams AG AS5501 Datasheet HTML 6Page - ams AG AS5501 Datasheet HTML 7Page - ams AG AS5501 Datasheet HTML 8Page - ams AG AS5501 Datasheet HTML 9Page - ams AG AS5501 Datasheet HTML 10Page - ams AG AS5501 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
B-Mode
Features:
- 2 wire serial bus
- 9 bit data format
- data gets clocked on rising edge and shifted on falling edge
- single and sequential write operation possible
- default polarity of signal SCLK is HIGH
- acknowledge bit (9th bit) output (0 ... data acknowledged)
- D7 is the first bit
- A2 and A1 chip-address bits are internally set to 1
valid
acknowledge
SCLK
SD-IN
AO/CS
1st MSB
nth LSB
WRITE OPERATION
/SD-OUT
start condition
1st LSB
acknowledge
data
valid
data
valid
data
output
output
stop condition
BIT SEQUENCE
1 0 1 0 1 1 A0 1 0 X X X X X X A1 A0 0 D7 D6 D5 D4 D3 D2 D1 D0
Header (8bit)
Reg. Address (8bit)
Data (8bit)
R/WN bit (0...write, 1...read)
Chip Address bits
S
t
a
r
t
A
C
K
A
C
K
S
t
o
p
A
C
K
0
1.1.2 RESET
VREF: A Band Gap Reference block is included for generation of a reference-voltage VREF
with nominal 2.5V needed for an external function (power-fail detection) and as reference for
the power on reset.
POR: A power-on reset function with external adjustable threshold and fixed off-delay
(300ms) defined by the master-clock is implemented. When pin RES-TH is floating the POR-
OFF threshold is nominal 3.75V.There is a hysteresis of typ. 100mV implemented to V-ON.
(In Test-Mode 2 and 3 the Por-delay is reduced to 1.17ms)
AS5501 / AS5502 Multimode Powerline Modem
Data Sheet
Rev A, May 2000
Page 6/25
BIT SEQUENCE
X X X X X X X 0 X X X X X X A1 A0 D7 D6 D5 D4 D3 D2 D1 D0
Header (8bit)
Reg. Address (8bit)
Data (8bit)
R/W bit (0...write, 1...read)
Command bits (available for future use)
(for A-Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com