Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5501 Datasheet(PDF) 9 Page - ams AG

Part # AS5501
Description  Multimode Powerline-Modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5501 Datasheet(HTML) 9 Page - ams AG

Back Button AS5501 Datasheet HTML 5Page - ams AG AS5501 Datasheet HTML 6Page - ams AG AS5501 Datasheet HTML 7Page - ams AG AS5501 Datasheet HTML 8Page - ams AG AS5501 Datasheet HTML 9Page - ams AG AS5501 Datasheet HTML 10Page - ams AG AS5501 Datasheet HTML 11Page - ams AG AS5501 Datasheet HTML 12Page - ams AG AS5501 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
CKTX: The transmit clock is dependent on the Baud-Rate setting BD1,2.
BD1
BD2
division factor fom CKSYS
Baud-Rate (CKTX)
0
0
9216dec
600Hz
1
0
4608dec
1200Hz
0
1
4608dec
1200Hz
1
1
2304dec
2400Hz
IF-SCCLK: The intermediate frequency SC-filter is settable to two different modes, one for
dF=600Hz and the other for dF=1200Hz (dF=Fspace-Fmark). These modes are defined by the
SC-clock frequency which is generated in the timing block.
BD1
BD2
IFcenter
IFbandw
division factor fom CKSYS
IF-SC-CLK
0
X
2700Hz
1200Hz
96dec
57.6kHz
1
X
5400Hz
2400Hz
48dec
115.2kHz
1.2 TRANSMITTER
M/S-UDC
BD1
TXD
SUM
9
FSYNTH
DIV16
DAC
TxEn
CKSYS
FSYNTH
SUM
BD1
SCCLK
SC-CLK
AAF
BPFa
TXI
SC-CLK
BPFb BPFc
OutStage
TxOut1
TxFb
M1M
P1M
BIAS
FREG-GEN
BPF & OutStage
Switched Cap Filter Clock Generator
TX-FSK / MIXER-Fref Generator
Fmixer
AGND
CKTX
FG
BD1,2
MRK-REG
(+20,
+40)
(+0..4,
+0..8)
0..511
SMF
TxOut2
TxEnI
PLL
AFCF
DIVn
AS5501 / AS5502 Multimode Powerline Modem
Data Sheet
Rev A, May 2000
Page 8/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com