Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5501 Datasheet(PDF) 6 Page - ams AG

Part # AS5501
Description  Multimode Powerline-Modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5501 Datasheet(HTML) 6 Page - ams AG

Back Button AS5501 Datasheet HTML 2Page - ams AG AS5501 Datasheet HTML 3Page - ams AG AS5501 Datasheet HTML 4Page - ams AG AS5501 Datasheet HTML 5Page - ams AG AS5501 Datasheet HTML 6Page - ams AG AS5501 Datasheet HTML 7Page - ams AG AS5501 Datasheet HTML 8Page - ams AG AS5501 Datasheet HTML 9Page - ams AG AS5501 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Default Setting: The default values shown in the table above, are related to the standard
version of this device.
(Default setting of the registers can be changed by modification of the IC’s metal2 layer.
In this way special versions of this device can be defined and produced which are identified
by different marking (see paragr. 2). A special version will however only be installed for
annual deliveries not lower than 100000 devices and against upfront funding for the special
tooling required.)
Serial Interface Operation:
The serial interface is built to work in two different modes. The mode of operation is defined
by the logical state of the signal SCLK sampled (using the first rising edge of Fosc/512
signal) 46usec after a high going edge of the reset signal (RESN).
A-Mode (standard)
Features:
- 2 or 3 wire serial bus
- 8 bit data format
- data gets clocked on rising edge and shifted on falling edge of SCLK
- default polarity of signal SCLK is LOW (CPOL=0, CPMA=0)
- single and sequential read and write operations possible
- D7 is first bit
valid
valid
valid
valid
SCLK
SD-IN
AO/CS
MSB
LSB
tcssu
tdsu tdhd
tcshd
WRITE OPERATION
tspick
SD-OUT (open drain output in high impedance state)
valid
valid
SCLK
SD-IN
AO/CS
header
READ OPERATION
SD-OUT
address
D7
D0
AS5501 / AS5502 Multimode Powerline Modem
Data Sheet
Rev A, May 2000
Page 5/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com