Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5501 Datasheet(PDF) 19 Page - ams AG

Part # AS5501
Description  Multimode Powerline-Modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5501 Datasheet(HTML) 19 Page - ams AG

Back Button AS5501 Datasheet HTML 15Page - ams AG AS5501 Datasheet HTML 16Page - ams AG AS5501 Datasheet HTML 17Page - ams AG AS5501 Datasheet HTML 18Page - ams AG AS5501 Datasheet HTML 19Page - ams AG AS5501 Datasheet HTML 20Page - ams AG AS5501 Datasheet HTML 21Page - ams AG AS5501 Datasheet HTML 22Page - ams AG AS5501 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
2. Package and Marking
Package: SOIC28
Marking:
YYWWIZZ
YYWWIZZ
(date code)
AS5501
AS5502
(AS-number dependent on version)
NC52FL
NC52FH
(coded default setup)
The default setup coded in the following way, gets printed as 3rt marking line:
Bonding option:
1
st character ... "N" for not locked; "L" for locked version (pad LOCK bonded to VSS)
(Option "Not Locked": All control registers are accessable via SERIF)
(Option "Locked": Only contr. register TEST is accessable via SERIF)
6
th character ... "H" for 24V buffer supply (standard version); " L" for 12V buffer supply;
Mask options:
Character
hex. rep. of reg.-bits
standard version bits
Char
2
nd
MRK8-5
’1100’
C
3
rd
MRK4-1
’0101’
5
4
th
PWD, MMV, ZCEN, RXBW2
’0010’
2
5
th
RXBW1, BD2, BD1, MRK9
’1111’
F
3. Pinlist
PIN#
Name
Type
Function
1
AVDD
supply
+5V supply pin for analog section
2
ZC
inp. w. pd mains zero-cross input for transmission synchronisation
3
RES-TH
ana. inp. reset threshold adjust input
4
AFCF
ana. i/o
compensation pin for PLL-loop
5
TST-OUT ana. outp. test function output pin (VREF in normal mode)
6
TST-IN
ana. inp. test function input pin
7
AGND
ana. I/O analog ground pin for external decoupling capacitor
8
RXIN
ana. inp. receiver input pin
9
TxFb
ana. inp. transmission feedback / receive input
10
M1M
ana. outp. minus 1mA bias current for TX-buffer stage
AS5501 / AS5502 Multimode Powerline Modem
Data Sheet
Rev A, May 2000
Page 18/25
YYWWIZZ
AS5501(2)
NC52FL(H)
AVDD ResTh
TstOut
TxFb
RXIN
P1M
ZC
AFCF
TstIn
AGND
M1M
TxOut2
TxOut1
AVSS
DVSS
MCLK
A0/CS
SCLk
SDiIn
SD-Out
CkSys
RESN
TXD
TxEn
CLR/T
CD
RXD
DVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com