Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5501 Datasheet(PDF) 22 Page - ams AG

Part # AS5501
Description  Multimode Powerline-Modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5501 Datasheet(HTML) 22 Page - ams AG

Back Button AS5501 Datasheet HTML 18Page - ams AG AS5501 Datasheet HTML 19Page - ams AG AS5501 Datasheet HTML 20Page - ams AG AS5501 Datasheet HTML 21Page - ams AG AS5501 Datasheet HTML 22Page - ams AG AS5501 Datasheet HTML 23Page - ams AG AS5501 Datasheet HTML 24Page - ams AG AS5501 Datasheet HTML 25Page - ams AG AS5501 Datasheet HTML 26Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
6.4 Output Characteristics
AFCF (PLL compensation)
typ. Load
min
typ
max
Condition
IOUT (Vafcf=0..5V, Vdd=5V)
1uF(no res) -200uA
-
200uA (not tested at
product. test)
TST-OUT (ana. buffer output)
max. Load
min
typ
max
Condition
IOUT (Vtstout=0V)
10k//50pF
400uA
820uA
1.6mA
Vdd=5V
VREF (in normal mode)
(Iout= +/-250uA)
10k//50pF
2,45
2,5
2,55
Vdd=
3.3...5.3V
AGND (resistive divider)
typ. Load
min
typ
max
Condition
VOUT
1uF(no res)
2.4
2.5
2.6
VDD=5.0V
M1M (current sink to VSS)
Load
min
typ
max
Condition
IOL (Vm=12V, 24V)
(see 1.2.3)
-0.5mA -0.75mA
-1mA
TxMode
Ileak (Vm=0...24V)
-
-
10uA
RxMode
P1M (current source)
Load
min
typ
max
Condition
IOH (Vm=1V)
(see 1.2.3)
0.5mA
0.75mA
1mA
TxMode
VOL (Iout=1mA)
-
-
0.5V
RxMode
TxOut1, TxOut2
(current sink to VSS)
Load
min
typ
max
Condition
IOL (dc-component)
(see 1.2.3)
-1.9mA
-3.2mA
-5.2mA
TxMode
Ileak (Vin=0...24V)
-
-
10uA
RxMode
CKSYS, CLR/T, CD, RXD
(dig. std. output)
min
typ
max
Condition
VOL (Iout=4mA)
-
0.25V
0.5V
-
VOH (Iout=-4mA)
VDD-0.5V VDD-0.25V
-
-
SPI-OUT, RES
(dig. open drain output)
min
typ
max
Condition
VOL (Iout = 4mA)
-
0.25V
0.5V
-
ILeak (Vout = 0...VDD)
-10uA
-
10uA
RES-pin
I pull-up (V=0V)
80uA
150uA
250uA
SPI-OUT pin
6.5 Reset -Test
min
typ
max
Condition
Vpor_off_1 (res-th=VDD)
2.4V
2.5V
2.6V
TSTIN=VDD
Vpor_off_2 (res-th=floating)
3.65V
3.75V
3.90V
TSTIN=VDD
Vpor_hyst (res-th=floating)
50mV
100mV
150mV
TSTIN=VDD
Vpor_on_pwd (res-th=floating)
3.50V
3.65V
3.85V
TSTIN=VDD, PWD=H
Vpor_off_3 (res-th=VSS)
4.8V
5.0V
5.2V
TSTIN=VDD
Reset off-delay
1.1ms
0.3/256s
1.2ms
TestMode3 (pattern test)
AS5501 / AS5502 Multimode Powerline Modem
Data Sheet
Rev A, May 2000
Page 21/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com