Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5501 Datasheet(PDF) 5 Page - ams AG

Part # AS5501
Description  Multimode Powerline-Modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5501 Datasheet(HTML) 5 Page - ams AG

  AS5501 Datasheet HTML 1Page - ams AG AS5501 Datasheet HTML 2Page - ams AG AS5501 Datasheet HTML 3Page - ams AG AS5501 Datasheet HTML 4Page - ams AG AS5501 Datasheet HTML 5Page - ams AG AS5501 Datasheet HTML 6Page - ams AG AS5501 Datasheet HTML 7Page - ams AG AS5501 Datasheet HTML 8Page - ams AG AS5501 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
1.1 SERIF, RESET, TIMING
SERIAL INTERFACE
SD-OUT
SD-IN
A0/CS
SCLK
Control Register Output
POR
BAND GAP REF.
TIMING
VREF
RESN
RES-TH
MCLK
CKSYS
Test1,2
SC-CLK
mux
CONTROL REGISTERS
Default Setting Rom
TXEN
ZC
BD1,2, ZCEN, MMV
TXENI
CKTX
IF-SCCLK
Fmixer
Mclk/2
1.1.1 SERIAL INTERFACE
There is a serial interface implemented for setting the control bits by a CPU.
Three bytes are available with following definitions and default contents (after reset).
Reg.-Name addr
D1
D2
D3
D4
D5
D6
D7
D8
MRK-REG
(def. value)
00H
MRK1
1
MRK2
0
MRK3
1
MRK4
0
MRK5
0
MRK6
0
MRK7
1
MRK8
1
GLOBAL
(def. value)
01H
MRK9
1
BD1
1
BD2
1
RxBw1
1
RxBw2
0
ZCEN
1
MMV
0
PWD
0
TEST
02H
TEST1
TEST2
ASYN
AgcH
digMix
noTSTin
TxSyn
FCdOn
(The default setting of the register "TEST" is always 00h.)
Bit-Name
Function
default val.
default function
MRK1-9
defines TX Mark Frequency (63.9k-140.55kHz)
453
131.85kHz
BD1,2
defines Baud-Rate and Modulation-Depth
1, 1
2400Hz/1200Hz
RXBW1,2
defines RX-BandPassFilter Bandwidth
1, 0
4.8kHz @132.45kHz
ZCEN
disable ZeroCrossing TX-Sync
1
ZC-disabled
MMV
disables transmit Timeout
0
TimeOut enabled
PWD
enables power down mode
0
powered up
TEST1,2
enables Test Mode 1-3
0, 0
normal mode
ASYN
disable synchronized receive data RXD
0
sync. RXD
AgcH
hold AGC counter-state
0
AGC-loop active
digMix
enables digital mixer; analog mixer enabled by def.
0
analog mixer
noTSTin
TST-out function only for receiver debugging
0
TSTin&out availab.
TxSyn
enables TXD sampling with CLR/T rising-edge
0
CLR/T gets synchronised
by TXD-edges
FCdOn
enables faster CD-ON timing (5/Bdrate)
0
Tcdon=(10/Bdrate)
AS5501 / AS5502 Multimode Powerline Modem
Data Sheet
Rev A, May 2000
Page 4/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com