Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5501 Datasheet(PDF) 21 Page - ams AG

Part # AS5501
Description  Multimode Powerline-Modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5501 Datasheet(HTML) 21 Page - ams AG

Back Button AS5501 Datasheet HTML 17Page - ams AG AS5501 Datasheet HTML 18Page - ams AG AS5501 Datasheet HTML 19Page - ams AG AS5501 Datasheet HTML 20Page - ams AG AS5501 Datasheet HTML 21Page - ams AG AS5501 Datasheet HTML 22Page - ams AG AS5501 Datasheet HTML 23Page - ams AG AS5501 Datasheet HTML 24Page - ams AG AS5501 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
6.2 Power Consumption Test
VDD=5.3V
min
typ
max
conditions
I1(DVDD)
-
-
3mA
normal transmission sequ.
I2(AVDD)
-
-
36mA
normal transmission sequ.
I3(AVDD)
-
-
32mA
RxMode, M82, (receive)
I4(AVDD)
-
-
1mA
PWD=H
6.3 Input Characteristics
ZC (Schmitt-Trigger with pull down)
min
typ
max
Condition
IIL (vin=0V)
-10uA
0
10uA
-
IIH (vin=VDD)
80uA
150uA
250uA
-
VIL
-
-
1.1V
VDD=5.0V
VIH
3.9V
-
-
VDD=5.0V
Vhyst (not tested at production test)
1.2V
-
2.5V
VDD=5.0V
RES-TH (see paragr. 1.1)
min
typ
max
Condition
IIL (vin=0V)
-15uA
-23uA
-33uA
VDD=5.0V
IIH (vin=VDD)
30uA
45uA
65uA
VDD=5.0V
TST-IN (anal. buffer input)
min
typ
max
Condition
RIN (vin=0.5V ... VDD-0.5V)
20k
36k
60k
TM1, TM2
I pull-down (vin=vdd)
80uA
150uA
250uA
nor. Mode, TM3
TxFb (resistive divider)
min
typ
max
Condition
RIN (vin=0V ... VDD)
45k
82k
148k
RxMode, V24
RIN (vin=0V ... VDD)
25k
46k
83k
RxMode, V12
RXIN (receive input buffer)
min
typ
max
Condition
RIN (vin=0V ... VDD)
38k
68k
122k
RxMode
MCLK, A0/CS, SPI_CK, SPI-IN,
TXD, TxEn (dig. std. input)
min
typ
max
Condition
I pull-up (vin=0V)
80uA
150uA
250uA A0/CS, SPICK, SPI-IN
Ileak (vin=0..vdd)
-1uA
-
1uA
MCLK, TXD, TXEN
VIL
-
-
0.3*Vdd
-
VIH
0.7*Vdd
-
-
-
LOCK, V12N
min
typ
max
Condition
I pull-up (vin=0V)
10uA
20uA
35uA
at wafer-sort only
AS5501 / AS5502 Multimode Powerline Modem
Data Sheet
Rev A, May 2000
Page 20/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com