Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5501 Datasheet(PDF) 11 Page - ams AG

Part # AS5501
Description  Multimode Powerline-Modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5501 Datasheet(HTML) 11 Page - ams AG

Back Button AS5501 Datasheet HTML 7Page - ams AG AS5501 Datasheet HTML 8Page - ams AG AS5501 Datasheet HTML 9Page - ams AG AS5501 Datasheet HTML 10Page - ams AG AS5501 Datasheet HTML 11Page - ams AG AS5501 Datasheet HTML 12Page - ams AG AS5501 Datasheet HTML 13Page - ams AG AS5501 Datasheet HTML 14Page - ams AG AS5501 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
To establish the frequency modulation, the output of the mark/space up/down-counter gets
added to Nmark. There has to be a smooth frequency-change from mark to space and from
space to mark within half the bit-time with 3 intermediate frequencies.
BD1
BD2
Fspace-Fmark
Baud-Rate (CKTX)
M/S-UDC
BDclk (UDC-CLK)
0
0
600Hz
600Hz
0,1,2,3,4
4800Hz
1
0
1200Hz
1200Hz
0,2,4,6,8
9600Hz
0
1
600Hz
1200Hz
0,1,2,3,4
9600Hz
1
1
1200Hz
2400Hz
0,2,4,6,8
19200Hz
Example with MRK-REG=8 => Fmark=81.75kHz; BD1,2=0 => dF=BRate=600Hz:
545
546 547 548
549
548 547
546
545
BDR*8
TXD (H=mark)
N
Fsynth / 16
81.75
81.90
(kHz)
82.05
82.20
82.35
82.20
82.05
81.75
81.90
(L=space)
In receive-mode(TxEn=1), a constant number Nmix defined by BD1 gets added to Nmark
instead of the output of the M/S-UDC. This gives a constant frequency which is used as
Mixer-frequency to fold the FSK-signal down to 2.7kHz or 5.4kHz. According to the
mixer-frequency the IF-SC-CLK is defined by the timing-block (see 1.1.3).
BD1
BD2
IFcenter
IFbandw
IF-SC-CLK
Nmix
BDclk (UDC-CLK)
0
X
2700Hz
1200Hz
57.6kHz
20
4800Hz
1
X
5400Hz
2400Hz
115.2kHz
40
9600Hz
The second frequency-synthesiser which is a similar structure as described for generating the
FSK-frequencies, is generating the target-frequency for the SCCLK-PLL. To get no
disturbing components, the phase-jitter of the synthesiser has to be reduced by the PLL.
There is a capacitor needed as external low-pass filter, to define the frequency response of the
PLL-loop. To generate the right target-frequency, one half of modulation-depth which is a
factor of 2 or 4 dependent on BD1 has to be added to Nmark. Since the center-frequency is a
very critical parameter, there is a possibility implemented for adjustment by wafersort-trim.
BD1 BD2 Fspace-Fmark
(Fcenter-Fmark)/150Hz
Npll
0
X
600Hz
2
MRK_REG + 426 + Itrim + 2
1
X
1200Hz
4
MRK_REG + 426 + Itrim + 4
(Itrim=0 ... 3 defined at wafer-sort)
AS5501 / AS5502 Multimode Powerline Modem
Data Sheet
Rev A, May 2000
Page 10/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com