Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5501 Datasheet(PDF) 24 Page - ams AG

Part # AS5501
Description  Multimode Powerline-Modem
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5501 Datasheet(HTML) 24 Page - ams AG

Back Button AS5501 Datasheet HTML 18Page - ams AG AS5501 Datasheet HTML 19Page - ams AG AS5501 Datasheet HTML 20Page - ams AG AS5501 Datasheet HTML 21Page - ams AG AS5501 Datasheet HTML 22Page - ams AG AS5501 Datasheet HTML 23Page - ams AG AS5501 Datasheet HTML 24Page - ams AG AS5501 Datasheet HTML 25Page - ams AG AS5501 Datasheet HTML 26Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
HD2(Vout)
-
-
-70dB
TxMode, M82, TXD=L
HD3(Vout)
-
-
-70dB
TxMode, M82, TXD=L
PSRR1(Vout)
15dB
-
-
TxMode, M82, VDD=200mVpp, 50Hz
not tested, guaranteed by design
PSRR2(Vout)
35dB
-
-
TxMode,M82, VBUF=200mVpp, 50Hz
not tested, guaranteed by design
6.11 RX AGC and FILTER Test
VDD = 5.0V, TxEn=H, TestMode2
input pin: RXIN, measured pin: TST-OUT
min
typ
max
Condition
Industrial Mode
72kHz dF=1.2kHz Bd=1.2k BW=6kHz
abs. Gain @ 72kHz, 1.0Vrms
0.86Vp
1.0Vp
1.30Vp
M72
abs. Gain @ 72kHz, 100mVrms
0.86Vp
1.0Vp
1.15Vp
M72
abs. Gain @ 72kHz, 10mVrms
0.86Vp
1.0Vp
1.15Vp
M72
abs. Gain @ 72kHz, 3mVrms
380mVp
500mVp
660mVp
M72
rel. Gain @ 71.4kHz
-0.5dB
0.0dB
+0.5dB
M72
rel. Gain @ 72.6kHz
-0.5dB
0.0dB
+0.5dB
M72
rel. Gain @ 69kHz
-4dB
-3.0dB
-2dB
M72
rel. Gain @ 75kHz
-4dB
-3.0dB
-2dB
M72
rel. Gain @ 42kHz
-
-
-45dB
M72
rel. Gain @ 124kHz
-
-
-45dB
M72
Domestic Mode
82.05kHz dF=600Hz Bd=600 BW=3k
abs. Gain @ 82.05kHz, 1.0Vrms
0.86Vp
1.0Vp
1.15Vp
M82
rel. Gain @ 81.75kHz
-0.5dB
0.0dB
+0.5dB
M82
rel. Gain @ 82.35kHz
-0.5dB
0.0dB
+0.5dB
M82
rel. Gain @ 80.55kHz
-4dB
-3.0dB
-2dB
M82
rel. Gain @ 83.55kHz
-4dB
-3.0dB
-2dB
M82
rel. Gain @ 55kHz
-
-
-45dB
M82
rel. Gain @ 123kHz
-
-
-45dB
M82
Home Automation
132.45kHz dF=1.2kHz Bd=2.4k BW=4.8kHz
abs. Gain @ 132.45kHz, 1.0Vrms
0.86Vp
1.0Vp
1.15Vp
M132
rel. Gain @ 131.85kHz
-0.5dB
0.0dB
+0.5dB
M132
rel. Gain @ 133.05kHz
-0.6dB
0.0dB
+0.5dB
M132
rel. Gain @ 130.05kHz
-4dB
-3.0dB
-2dB
M132
rel. Gain @ 134.85kHz
-4.5dB
-3.0dB
-2dB
M132
rel. Gain @ 88kHz
-
-
-45dB
M132
rel. Gain @ 198kHz
-
-
-45dB
M132
AS5501 / AS5502 Multimode Powerline Modem
Data Sheet
Rev A, May 2000
Page 23/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com