Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAL9554CBSHP Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCAL9554CBSHP
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9554CBSHP Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCAL9554CBSHP Datasheet HTML 12Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 13Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 14Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 15Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 16Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 17Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 18Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 19Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
PCAL9554B_PCAL9554C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 10 December 2012
16 of 42
NXP Semiconductors
PCAL9554B; PCAL9554C
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
8.2 Output drive strength control
The Output drive strength registers allow the user to control the output drive level of the
GPIO. Each GPIO can be configured independently to one of the four possible output
current levels. By programming these bits the user is changing the number of transistor
pairs or ‘fingers’ that drive the I/O pad.
Figure 15 shows a simplified output stage. The behavior of the pad is affected by the
Configuration register, the output port data, and the current control register. When the
Current Control register bits are programmed to 10b, then only two of the fingers are
active, reducing the current drive capability by 50 %.
Fig 13. High value resistor in parallel with
the LED
Fig 14. Device supplied by a lower voltage
002aag164
LED
VDD
Pn
100 kΩ
VDD
002aag165
LED
VDD
Pn
3.3 V
5 V
Fig 15. Simplified output stage
VDD
P0 to P7
Configuration
register
002aah108
DECODER
PMOS_EN0
PMOS_EN1
PMOS_EN2
PMOS_EN3
NMOS_EN3
NMOS_EN2
NMOS_EN1
NMOS_EN0
Output port
register
Current Control
register
PMOS_EN[3:0]
NMOS_EN[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com