Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAL9554CBSHP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCAL9554CBSHP
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9554CBSHP Datasheet(HTML) 5 Page - NXP Semiconductors

  PCAL9554CBSHP Datasheet HTML 1Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 2Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 3Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 4Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 5Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 6Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 7Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 8Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
PCAL9554B_PCAL9554C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 10 December 2012
5 of 42
NXP Semiconductors
PCAL9554B; PCAL9554C
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
6.
Functional description
Refer to Figure 1 “Block diagram of PCAL9554B/PCAL9554C”.
6.1 Device address
A2, A1 and A0 are the hardware address package pins and are held to either HIGH
(logic 1) or LOW (logic 0) to assign one of the eight possible slave addresses. The last bit
of the slave address (R/W) defines the operation (read or write) to be performed. A HIGH
(logic 1) selects a read operation, while a LOW (logic 0) selects a write operation.
6.2 Pointer register and command byte
Following the successful acknowledgement of the address byte, the bus master sends a
command byte, which is stored in the Pointer register in the PCAL9554B/PCAL9554C.
Two bits of this data byte state the operation (read or write) and the internal registers
(Input, Output, Polarity Inversion, or Configuration) that will be affected. Bit 6 in
conjunction with the lower three bits of the Command byte are used to point to the
extended features of the device (Agile I/O). This register is write only.
a. PCAL9554B address
b. PCAL9554C address
Fig 4.
Device address
R/W
002aah207
0
1
0
0
A2
A1
A0
slave address
fixed
hardware
selectable
R/W
002aah208
0
1
1
1
A2
A1
A0
slave address
fixed
hardware
selectable
Fig 5.
Pointer register bits
002aaf540
B7
B6
B5
B4
B3
B2
B1
B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com