Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAL9554CBSHP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCAL9554CBSHP
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9554CBSHP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCAL9554CBSHP Datasheet HTML 2Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 3Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 4Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 5Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 6Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 7Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 8Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 9Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
PCAL9554B_PCAL9554C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 10 December 2012
6 of 42
NXP Semiconductors
PCAL9554B; PCAL9554C
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
[1]
Undefined.
6.3 Interface definition
6.4 Register descriptions
6.4.1 Input port register (00h)
The Input port register (register 0) reflects the incoming logic levels of the pins, regardless
of whether the pin is defined as an input or an output by the Configuration register. The
Input port register is read only; writes to this register have no effect. The default value ‘X’
is determined by the externally applied logic level. An Input port register read operation is
performed as described in Section 7.2 “Read commands”.
6.4.2 Output port register (01h)
The Output port register (register 1) shows the outgoing logic levels of the pins defined as
outputs by the Configuration register. Bit values in these registers have no effect on pins
defined as inputs. In turn, reads from this register reflect the value that was written to this
register, not the actual pin value.
Table 4.
Command byte
Pointer register bits
Command byte
(hexadecimal)
Register
Protocol
Power-up
default
B7
B6
B5
B4
B3
B2
B1
B0
0
0
0
0
0
0
0
0
00h
Input port
read byte
xxxx xxxx[1]
0
0
0
0
0
0
0
1
01h
Output port
read/write byte
1111 1111
0
0
0
0
0
0
1
0
02h
Polarity Inversion
read/write byte
0000 0000
0
0
0
0
0
0
1
1
03h
Configuration
read/write byte
1111 1111
0
1
0
0
0
0
0
0
40h
Output drive strength 0
read/write byte
1111 1111
0
1
0
0
0
0
0
1
41h
Output drive strength 1
read/write byte
1111 1111
0
1
0
0
0
0
1
0
42h
Input latch
read/write byte
0000 0000
0
1
0
0
0
0
1
1
43h
Pull-up/pull-down enable
read/write byte
0000 0000
0
1
0
0
0
1
0
0
44h
Pull-up/pull-down selection read/write byte
1111 1111
0
1
0
0
0
1
0
1
45h
Interrupt mask
read/write byte
1111 1111
0
1
0
0
0
1
1
0
46h
Interrupt status
read byte
0000 0000
0
1
0
0
0
1
1
1
47h
Output port configuration
read/write byte
0000 0000
Table 5.
Interface definition
Byte
Bit
7 (MSB)
6
5
4
3
2
1
0 (LSB)
I2C-bus slave address
L
H
L/H
L/H
A2
A1
A0
R/W
I/O data bus
P7
P6
P5
P4
P3
P2
P1
P0
Table 6.
Input port register (address 00h)
Bit
7
6
5
4
3
2
1
0
Symbol
I7
I6
I5
I4
I3
I2
I1
I0
Default
XX
XX
XX
XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com