Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAL9554CBSHP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCAL9554CBSHP
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9554CBSHP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCAL9554CBSHP Datasheet HTML 7Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 8Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 9Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 10Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 11Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 12Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 13Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 14Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
PCAL9554B_PCAL9554C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 10 December 2012
11 of 42
NXP Semiconductors
PCAL9554B; PCAL9554C
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
6.6 Power-on reset
When power (from 0 V) is applied to VDD, an internal power-on reset holds the
PCAL9554B/PCAL9554C in a reset condition until VDD has reached VPOR. At that time,
the reset condition is released and the PCAL9554B/PCAL9554C registers and
I2C-bus/SMBus state machine initialize to their default states. After that, VDD must be
lowered to below VPOR and back up to the operating voltage for a power-reset cycle. See
Section 8.4 “Power-on reset requirements”.
6.7 Interrupt output (INT)
An interrupt is generated by any rising or falling edge of the port inputs in the Input mode.
After time tv(INT), the signal INT is valid. Resetting the interrupt circuit is achieved when
data on the port is changed to the original setting or when data is read from the port that
generated the interrupt (see Figure 10). Resetting occurs in the Read mode at the
acknowledge (ACK) or not acknowledge (NACK) bit after the rising edge of the SCL
signal. Interrupts that occur during the ACK or NACK clock pulse can be lost (or be very
short) due to the resetting of the interrupt during this pulse. Each change of the I/Os after
resetting is detected and is transmitted as INT.
A pin configured as an output cannot cause an interrupt. Changing an I/O from an output
to an input may cause a false interrupt to occur, if the state of the pin does not match the
contents of the Input port register.
The INT output has an open-drain structure and requires a pull-up resistor to VDD. INT
should be connected to the voltage source of the device that requires the interrupt
information. When using the input latch feature, the input pin state is latched. The interrupt
is reset only when data is read from the port that generated the interrupt. The reset occurs
in the Read mode at the acknowledge (ACK) or not acknowledge (NACK) bit after the
rising edge of the SCL signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com