Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAL9554CBSHP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCAL9554CBSHP
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9554CBSHP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCAL9554CBSHP Datasheet HTML 5Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 6Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 7Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 8Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 9Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 10Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 11Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 12Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
PCAL9554B_PCAL9554C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 10 December 2012
9 of 42
NXP Semiconductors
PCAL9554B; PCAL9554C
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
6.4.8 Pull-up/pull-down selection register (44h)
The I/O port can be configured to have pull-up or pull-down resistor by programming the
pull-up/pull-down selection register. Setting a bit to logic 1 selects a 100 k
 pull-up
resistor for that I/O pin. Setting a bit to logic 0 selects a 100 k
 pull-down resistor for that
I/O pin. If the pull-up/down feature is disconnected, writing to this register will have no
effect on I/O pin. Typical value is 100 k
 with minimum of 50 k and maximum of 150 k.
6.4.9 Interrupt mask register (45h)
Interrupt mask register is set to logic 1 upon power-on, disabling interrupts during system
start-up. Interrupts may be enabled by setting corresponding mask bits to logic 0. If an
input changes state and the corresponding bit in the Interrupt mask register is set to 1, the
interrupt is masked and the interrupt pin (INT) will not be asserted. If the corresponding bit
in the Interrupt mask register is set to 0, the interrupt pin will be asserted.
When an input changes state and the resulting interrupt is masked (interrupt mask bit is
1), setting the input mask register bit to 0 will cause the interrupt pin to be asserted. If the
interrupt mask bit of an input that is currently the source of an interrupt is set to 1, the
interrupt pin will be de-asserted.
6.4.10 Interrupt status register (46h)
This read-only register is used to identify the source of an interrupt. When read, a logic 1
indicates that the corresponding input pin was the source of the interrupt. A logic 0
indicates that the input pin is not the source of an interrupt.
When a corresponding bit in the interrupt mask register is set to 1 (masked), the interrupt
status bit will return logic 0.
Table 14.
Pull-up/pull-down selection register (address 44h)
Bit
7
6
5
4
3
2
1
0
Symbol
PUD7
PUD6
PUD5
PUD4
PUD3
PUD2
PUD1
PUD0
Default
11
11
11
11
Table 15.
Interrupt mask register (address 45h)
Bit
7
6
5
4
3
2
1
0
Symbol
M7
M6
M5
M4
M3
M2
M1
M0
Default
11
11
11
11
Table 16.
Interrupt status register (address 46h)
Bit
7
6
5
4
3
2
1
0
Symbol
S7
S6
S5
S4
S3
S2
S1
S0
Default
00
00
00
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com