Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAL9554CBSHP Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCAL9554CBSHP
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9554CBSHP Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCAL9554CBSHP Datasheet HTML 18Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 19Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 20Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 21Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 22Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 23Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 24Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 25Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
PCAL9554B_PCAL9554C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 10 December 2012
22 of 42
NXP Semiconductors
PCAL9554B; PCAL9554C
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
12. Static characteristics
Table 22.
Static characteristics
Tamb = 40 C to +85 C; VDD = 1.65 V to 5.5 V; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
VIK
input clamping voltage
II = 18 mA
1.2
--V
VPOR
power-on reset voltage
VI =VDD or VSS; IO =0mA
-
1.1
1.4
V
VOH
HIGH-level output voltage[2]
Pport; IOH = 8 mA; CCX = 11b
VDD = 1.65 V
1.2
--V
VDD = 2.3 V
1.8
-
-
V
VDD = 3 V
2.6
--V
VDD = 4.5 V
4.1
-
-
V
Pport; IOH = 2.5 mA and CCX = 00b;
IOH = 5 mA and CCX = 01b;
IOH = 7.5 mA and CCX = 10b;
IOH = 10 mA and CCX = 11b
VDD = 1.65 V
1.1
--V
VDD = 2.3 V
1.7
-
-
V
VDD = 3 V
2.5
--V
VDD = 4.5 V
4.0
-
-
V
VOL
LOW-level output voltage[2]
Pport; IOL =8mA; CCX =11b
VDD = 1.65 V
--0.45
V
VDD = 2.3 V
--0.25
V
VDD = 3 V
--0.25
V
VDD = 4.5 V
--0.2
V
Pport; IOL = 2.5 mA and CCX = 00b;
IOL = 5 mA and CCX = 01b;
IOL = 7.5 mA and CCX = 10b;
IOL = 10 mA and CCX = 11b
VDD = 1.65 V
--0.5
V
VDD = 2.3 V
--0.3
V
VDD = 3 V
--0.25
V
VDD = 4.5 V
--0.2
V
IOL
LOW-level output current
VOL = 0.4 V; VDD = 1.65 V to 5.5 V
SDA
3
--mA
INT
315[3]
-mA
II
input current
VDD = 1.65V to 5.5V
SCL, SDA; VI =VDD or VSS
--0.1
A
A0, A1, A2; VI =VDD or VSS
--
1
A
IIH
HIGH-level input current
P port; VI =VDD; VDD =1.65V to 5.5V
-
-
1
A
IIL
LOW-level input current
P port; VI =VSS; VDD = 1.65 V to 5.5 V
-
-
1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com