Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAL9554CBSHP Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCAL9554CBSHP
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9554CBSHP Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCAL9554CBSHP Datasheet HTML 25Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 26Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 27Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 28Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 29Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 30Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 31Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 32Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
PCAL9554B_PCAL9554C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 10 December 2012
29 of 42
NXP Semiconductors
PCAL9554B; PCAL9554C
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
14. Parameter measurement information
a. SDA load configuration
b. Transaction format
c. Voltage waveforms
CL includes probe and jig capacitance.
All inputs are supplied by generators having the following characteristics: PRR
 10 MHz; Z
o =50 ; tr/tf  30 ns.
All parameters and waveforms are not applicable to all devices.
Byte 1 = I2C-bus address; Byte 2, byte 3 = P port data.
(1) See Figure 9.
Fig 29. I2C-bus interface load circuit and voltage waveforms
002aag803
DUT
CL = 50 pF
RL = 1 kΩ
SDA
VDD
STOP
condition
(P)
Data
Bit 0
(LSB)
Data
Bit 7
(MSB)
ACK
(A)
R/W
Bit 0
(LSB)
Address
Bit 1
Address
Bit 7
(MSB)
START
condition
(S)
STOP
condition
(P)
two bytes for read Input port register(1)
002aag952
tLOW
tHIGH
tr
tf
0.7 × VDD
0.3 × VDD
0.7 × VDD
0.3 × VDD
tSP
tBUF
tf
tHD;STA
tr
SCL
SDA
tSU;DAT
tHD;DAT
tf(o)
tVD;ACK
tVD;DAT
tVD;ACK
tSU;STA
tSU;STO
002aag804
repeat START condition
STOP condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com