Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAL9554CBSHP Datasheet(PDF) 39 Page - NXP Semiconductors

Part # PCAL9554CBSHP
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9554CBSHP Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button PCAL9554CBSHP Datasheet HTML 34Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 35Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 36Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 37Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 38Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 39Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 40Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 41Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 42Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
PCAL9554B_PCAL9554C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 10 December 2012
39 of 42
NXP Semiconductors
PCAL9554B; PCAL9554C
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
19. Abbreviations
20. Revision history
Table 27.
Abbreviations
Acronym
Description
ACPI
Advanced Configuration and Power Interface
CBT
Cross-Bar Technology
CDM
Charged-Device Model
CMOS
Complementary Metal-Oxide Semiconductor
DUT
Device Under Test
ESD
ElectroStatic Discharge
FET
Field-Effect Transistor
FF
Flip-Flop
GPIO
General Purpose Input/Output
HBM
Human Body Model
I2C-bus
Inter-Integrated Circuit bus
I/O
Input/Output
LED
Light Emitting Diode
LP
Low-Pass
LSB
Least Significant Bit
MSB
Most Significant Bit
POR
Power-On Reset
SCR
Silicon Controlled Rectifier
SMBus
System Management Bus
Table 28.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PCAL9554B_PCAL9554C v.2
20121210
Product data sheet
-
PCAL9554B_PCAL9554C v.1
Modifications:
• Section 8.5 “Device current consumption with internal pull-up and pull-down resistors”,
second paragraph: first sentence is corrected from “The pull-up or pull-down function
is selected in registers 48h and 49h, while the resistor is connected by the enable
registers 46h and 47h.” to “The pull-up or pull-down function is selected in register
44h, while the resistor is connected by the enable register 43h.”
• Table 22 “Static characteristics”: Conditions updated for characteristic Cio:
added “SDA, SCL” to first condition row; added “P port” to second condition row
PCAL9554B_PCAL9554C v.1
20121003
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com