Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAL9554CBSHP Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCAL9554CBSHP
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9554CBSHP Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCAL9554CBSHP Datasheet HTML 4Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 5Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 6Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 7Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 8Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 9Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 10Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 11Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
PCAL9554B_PCAL9554C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 10 December 2012
8 of 42
NXP Semiconductors
PCAL9554B; PCAL9554C
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
6.4.6 Input latch register (42h)
The Input latch register enables and disables the input latch of the I/O pins. These
registers are effective only when the pin is configured as an input port. When an input
latch register bit is 0, the corresponding input pin state is not latched. A state change in
the corresponding input pin generates an interrupt. A read of the input port register clears
the interrupt. If the input goes back to its initial logic state before the input port register is
read, then the interrupt is cleared.
When an input latch register bit is 1, the corresponding input pin state is latched. A change
of state of the input generates an interrupt and the input logic value is loaded into the
corresponding bit of the input port register (registers 0). A read of the input port register
clears the interrupt. If the input pin returns to its initial logic state before the input port
register is read, then the interrupt is not cleared and the corresponding bit of the input port
register keeps the logic value that initiated the interrupt. See Figure 11. For example, if the
P4 input was as logic 0 and the input goes to logic 1 then back to logic 0, the input port
register will capture this change and an interrupt is generated (if unmasked). When the
read is performed on the input port register, the interrupt is cleared, assuming there were
no additional input(s) that have changed, and bit 4 of the input port register will read ‘1’.
The next read of the input port register bit 4 should now read ‘0’.
An interrupt remains active when a non-latched input simultaneously switches state with a
latched input and then returns to its original state. A read of the input port register reflects
only the change of state of the latched input and also clears the interrupt. The interrupt is
not cleared if the input latch register changes from latched to non-latched configuration.
If the input pin is changed from latched to non-latched input, a read from the input port
register reflects the current port logic level. If the input pin is changed from non-latched to
latched input, the read from the input port register reflects the latched logic level.
6.4.7 Pull-up/pull-down enable register (43h)
This register allows the user to enable or disable pull-up/pull-down resistors on the I/O
pins. Setting the bit to logic 1 enables the selection of pull-up/pull-down resistors. Setting
the bit to logic 0 disconnects the pull-up/pull-down resistors from the I/O pins. Also, the
resistors will be disconnected when the outputs are configured as open-drain outputs (see
Section 6.4.11). Use the pull-up/pull-down registers to select either a pull-up or pull-down
resistor.
The default value enables pull-up resistors on all I/O pins to match with the non-Agile I/O
devices PCA9554B and PCA9554C.
Table 12.
Input latch register (address 42h)
Bit
7
6
5
4
3
2
1
0
Symbol
L7
L6
L5
L4
L3
L2
L1
L0
Default
00
00
00
00
Table 13.
Pull-up/pull-down enable register (address 43h)
Bit
7
6
5
4
3
2
1
0
Symbol
PE7
PE6
PE5
PE4
PE3
PE2
PE1
PE0
Default
11
11
11
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com