Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAL9554CBSHP Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCAL9554CBSHP
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9554CBSHP Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCAL9554CBSHP Datasheet HTML 13Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 14Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 15Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 16Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 17Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 18Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 19Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 20Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
PCAL9554B_PCAL9554C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 10 December 2012
17 of 42
NXP Semiconductors
PCAL9554B; PCAL9554C
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
Reducing the current drive capability may be desirable to reduce system noise. When the
output switches (transitions from H/L), there is a peak current that is a function of the
output drive selection. This peak current runs through VDD and VSS package inductance
and will create noise (some radiated, but more critically Simultaneous Switching Noise
(SSN)). In other words, switching many outputs at the same time will create ground and
supply noise. The output drive strength control through the Current Control registers
allows the user to mitigate SSN issues without the need of additional external
components.
8.3 12 V tolerant I/Os
The PCAL9554B/PCAL9554C device SCR group reference diode can go up to 10 V
before latch back to 8 V. The ESD gate oxide will protect the device, but not if used
continually. Therefore, to achieve 12 V tolerant I/Os, the external protection circuitry
(diode) must be used as shown in Figure 16.
Fig 16. External protection circuitry
PCAL9554B
PCAL9554C
A0
VDD
A1
SDA
A2
SCL
P0
INT
P1
P7
P2
P6
P3
P5
VSS
P4
002aah210
+5 V
+12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com