Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAL9554CBSHP Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCAL9554CBSHP
Description  Low-voltage 8-bit I2C-bus and SMBus low power I/O port with interrupt, weak pull-up and Agile I/O
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9554CBSHP Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCAL9554CBSHP Datasheet HTML 8Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 9Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 10Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 11Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 12Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 13Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 14Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 15Page - NXP Semiconductors PCAL9554CBSHP Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
PCAL9554B_PCAL9554C
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 10 December 2012
12 of 42
NXP Semiconductors
PCAL9554B; PCAL9554C
Low-voltage 8-bit I2C-bus/SMBus low power I/O port
7.
Bus transactions
The PCAL9554B/PCAL9554C is an I2C-bus slave device. Data is exchanged between the
master and PCAL9554B/PCAL9554C through write and read commands using I2C-bus.
The two communication lines are a serial data line (SDA) and a serial clock line (SCL).
Both lines must be connected to a positive supply via a pull-up resistor when connected to
the output stages of a device. Data transfer may be initiated only when the bus is not busy.
7.1 Write commands
Data is transmitted to the PCAL9554B/PCAL9554C by sending the device address and
setting the Least Significant Bit (LSB) to a logic 0 (see Figure 4 for device address). The
command byte is sent after the address and determines which register receives the data
that follows the command byte. There is no limitation on the number of data bytes sent in
one write transmission.
(1) PCAL9554B address shown. Address for PCAL9554C is 0111,A2,A1,A0.
Fig 7.
Write to Output port register
0
A
S
slave address(1)
START condition
R/W
acknowledge
from slave
002aah124
0000001
0
command byte
A
acknowledge
from slave
12345678
SCL
9
SDA
DATA 1
A
write to port
data out from port
tv(Q)
acknowledge
from slave
DATA 1 VALID
data to port
1
0
0
A2 A1 A0
0
P
STOP
condition
(1) PCAL9554B address shown. Address for PCAL9554C is 0111,A2,A1,A0.
Fig 8.
Write to Configuration or Polarity inversion registers
0
A
S
slave address(1)
START condition
R/W
acknowledge
from slave
002aah125
0
0
0
0
0 1/0 1/0
0
command byte
A
acknowledge
from slave
12345678
SCL
9
SDA
DATA 1
A
acknowledge
from slave
data to register
1
0
0
A2 A1 A0
0
P
STOP
condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com