Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  63 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Preliminary Technical Data
ADRF6518
Rev. PrA | Page 27 of 36
COMMON-MODE BYPASSING
The ADRF6518 common-mode pins, VICM/AC and VOCM,
must be decoupled to ground. At least one low inductance,
surface-mount ceramic capacitor with a value of 0.1 μF must be
used to decouple the common-mode pins.
SERIAL PORT CONNECTIONS
The ADRF6518 has a SPI port to control the gain and filter band-
width settings. Data can be written to the internal 15-bit register
and read from the register. It is recommended that low-pass RC
filtering be placed on the SPI lines to filter out any high frequency
glitches. See Figure 74, the evaluation board schematic, for an
example of a low-pass RC filter.
ENABLE/DISABLE FUNCTION
To enable the ADRF6518, the ENBL pin must be pulled high.
Driving the ENBL pin low disables the device, reducing current
consumption to approximately 9 mA at room temperature.
GAIN PIN DECOUPLING
The ADRF6518 has three analog gain control pins: VGN1,
VGN2, and VGN3. Use at least one low inductance, surface-
mount ceramic capacitor with a value of 0.1 μF to decouple
each gain control pin to ground.
PEAK DETECTOR CONNECTIONS
The ADRF6518 has peak detector output on the VPK pin, with
a scaling of 1 V/V pk differential at filter inputs. The bigger
peak of the two channels reported. The peak detector time-
constant can be changed with a resistor from the RAVG pin to
VPS. Leave the RAVG pin open for the longest time-constant
(hold time). RAVG resistor range is ∞ to 1 kΩ.
To reset the peak detector, pull the SDO/RST pin high for 25 ns
or longer. Logic levels are VLOW < 0.8 V, VHIGH > 2 V.
ERROR VECTOR MAGNITUDE (EVM) PERFORMANCE
Error vector magnitude (EVM) is a measure used to quantify
the performance of a digital radio transmitter or receiver by
measuring the fidelity of the digital signal transmitted or
received. Various imperfections in the link, such as magnitude
and phase imbalance, noise, and distortion, cause the
constellation points to deviate from their ideal locations.
In general, a receiver exhibits three distinct EVM limitations
vs. received input signal power. As signal power increases, the
distortion components increase.
At large enough signal levels, where the distortion compo-
nents due to the harmonic nonlinearities in the device are
falling in-band, EVM degrades as signal levels increase.
At medium signal levels, where the signal chain behaves
in a linear manner and the signal is well above any notable
noise contributions, EVM has a tendency to reach an opti-
mal level determined dominantly by either the quadrature
accuracy and IQ gain match of the signal chain or the
precision of the test equipment.
As signal levels decrease, such that noise is a major con-
tributor, EVM performance vs. the signal level exhibits
a decibel-for-decibel degradation with decreasing signal
level. At these lower signal levels, where noise is the
dominant limitation, decibel EVM is directly proportional
to the SNR.
EVM TEST SETUP
The basic setup to test EVM for the ADRF6518 consisted of an
Agilent MXG M5182B Vector Signal Generator used as a signal
source and a Agilent DSO7104B oscilloscope used to sample the
signal while connected to a computer running Agilent 89600 VSA
software to calculate the EVM of the signal. The M5182B IQ
baseband differential outputs drove the ADRF6518 inputs. The
I and Q outputs of the ADRF6518 were loaded with 400 Ω
differential impedances and connected differentially to two
AD8130 differential amplifiers to convert the signals into single-
ended signals. The single-ended signals were connected to the
input channels of the VSA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com