Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  63 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
ADRF6518
Preliminary Technical Data
Rev. PrA | Page 16 of 36
BYPASS MODE
VPS = 3.3 V, TA = 25°C, ZLOAD = 400 Ω, High Power mode, digital gain code B8:B2 = 1111110, and B1 = 0 unless otherwise noted.
Figure 48. Frequency Response over Supply and Temperature
Figure 49. Group Delay vs. Frequency
Figure 50. Output Noise Density vs. Frequency over Analog Gains;
Digital Gain = 0000001
Figure 51. Channel Isolation (OUTA to OUTB) vs. Frequency
Figure 52. Noise Figure vs. Analog Gain over Digital Gain
Figure 53. Output Noise Density vs. Analog Gain over Digital Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com