Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  63 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
ADRF6518
Preliminary Technical Data
Rev. PrA | Page 22 of 36
PROGRAMMABLE FILTERS
The integrated programmable filter is the key signal processing
function in the ADRF6518. The filters follow a six-pole Butter-
worth prototype response that provides a compromise between
band rejection, ripple, and group delay. The 0.5 dB bandwidth is
programmed from 1 MHz to 63 MHz in 1 MHz steps via the serial
programming interface (SPI) as described in the Programming
section.
The filters are designed so that the Butterworth prototype filter
shape and group delay responses vs. frequency are retained for
any bandwidth setting. Figure 69 and Figure 70 illustrate the
ideal six-pole Butterworth gain and group delay responses,
respectively. The group delay, τg, is defined as
τg = −∂φ/∂ω
where:
φ is the phase in radians.
ω = 2πf is the frequency in radians per second.
Note that for a frequency scaled filter prototype, the absolute
magnitude of the group delay scales inversely with the band-
width; however, the shape is retained. For example, the peak
group delay for a 28 MHz bandwidth setting is 14× less than
for a 2 MHz setting.
Figure 69. Sixth-Order Butterworth Magnitude Response for 0.5 dB
Bandwidths Programmed from 2 MHz to 29 MHz in 1 MHz Steps
Figure 70. Sixth-Order Butterworth Group Delay Response for
0.5 dB Bandwidths Programmed to 2 MHz and 28 MHz
The corner frequency of the filters is defined by RC products,
which can vary by ±30% in a typical process. Therefore, all the
parts are factory calibrated for corner frequency, resulting in
a residual ±7.5% corner frequency variation over the −40°C to
+85°C temperature range. Although absolute accuracy requires
calibration, the matching of RC products between the pair of
channels is better than 1% by observing careful design and
layout practices. Calibration and excellent matching ensure
that the magnitude and group delay responses of both channels
track together, a critical requirement for digital IQ-based
communication systems.
Bypassing the Filters
For higher bandwidth applications, filters of the ADRF6518 can
be bypassed via the SPI. In the bypass mode, filters are disabled
and power consumption is significantly reduced. The bandwidth
of cascaded VGAs, which is significantly larger than 63 MHz
maximum of the filters, is fully realized in the bypass mode.
VARIABLE GAIN AMPLIFIERS (VGAs)
The cascaded VGA2 and VGA3 are also based on the X-AMP
architecture, and each has 24 dB gain range with separate high
impedance gain control inputs, VGN2 and VGN3. The VGA
structures of the second and third VGAs are identical to that of
the first VGA. However, these have slightly higher noise figure
and less drive level capability. Their output is rated at 1 V p-p
for >60 dBc HD2 and HD3. Depending on the input signal
range, the second or third VGA or both can be used for AGC
purposes. The critical level to consider while making this choice
is the signal level at the output of the VGAs, which must not
exceeded 1 V p-p to maintain low distortion.
The fixed gain following both of the variable gain sections can
also be programmed to 12 dB, 15 dB, 18 dB, or 21 dB to
maximize the dynamic range.
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
1M
10M
100M
1G
FREQUENCY (Hz)
500
400
300
200
100
0
–100
100k
1M
10M
100M
FREQUENCY (Hz)
BW = 2MHz
BW = 28MHz
14x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com