Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6518ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF6518ACPZ-R7
Description  63 MHz Dual Programmable Filters and Variable Gain Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6518ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF6518ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6518ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Preliminary Technical Data
ADRF6518
Rev. PrA | Page 7 of 36
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 4. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VPSD
Digital Positive Supply Voltage: 3.15 V to 3.45 V.
2
COMD
Digital Common. Connect to external circuit common using the lowest possible impedance.
3
LE
Latch Enable. SPI programming pin. TTL levels: VLOW < 0.8 V, VHIGH > 2 V.
4
CLK
SPI Port Clock. TTL levels: VLOW < 0.8 V, VHIGH > 2 V.
5
DATA
SPI Data Input. TTL levels: VLOW < 0.8 V, VHIGH > 2 V.
6
SDO/RST
SPI Data Output (SDO). TTL levels: VLOW < 0.8 V, VHIGH > 2 V.
Peak Detector Reset (RST). A >25 ns high pulse is required on this pin to reset the detector.
7
VICM/AC
Input Common-Mode Reference (VICM). VPI/2 reference output for optimal common-mode level
to drive the differential inputs.
AC Coupling/Internal Bias Activation (AC). Pull this pin low for ac coupling of the inputs.
8
VPI
Input Stage Supply Voltage: 3.15 V to 5.25 V. Connect to VPS if input common-mode range is
narrow (1.35 V to 1.95 V). Connect to 5 V if input common-mode up to 3.1 V is desired.
12, 16, 25, 29
VPS
Analog Positive Supply Voltage: 3.15 V to 3.45 V.
9, 19, 22
COM
Analog Common. Connect to external circuit common using the lowest possible impedance.
10, 11, 30, 31
INP2, INM2,
INM1, INP1
Differential Inputs. 400 Ω input impedance.
13
VPK
Peak Detector Output. Scaling of 1 V/V pk differential at filter inputs. The bigger peak of two
channels is reported.
14
VGN2
VGA2 Analog Gain Control. 0 V to 1 V, 30 mV/dB gain scaling.
15, 26
OFS2, OFS1
Offset Correction Loop Compensation Capacitors. Connect capacitors to circuit common.
17, 18, 23, 24
OPP2, OPM2,
OPM1, OPP1
Differential Outputs. <10 Ω output impedance. Common-mode range is 0.9 V to VPS − 1.2 V;
default is VPS/2.
20
VOCM
Output Common-Mode Setpoint. Defaults to VPS/2 if left open.
21
VGN3
VGA3 Analog Gain Control. 0 V to 1 V, 30 mV/dB gain scaling.
27
VGN1
VGA1 Analog Gain Control. 0 V to 1 V, 30 mV/dB gain scaling.
28
RAVG
Peak Detector Time-Constant Resistor. Connect this pin to VPS. Leave open for longest hold time.
RAVG range is ∞ to 1 kΩ.
32
ENBL
Chip Enable. Pull high to enable.
EP
Exposed Pad. Connect the exposed pad to a low impedance ground pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com